Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4223 Datasheet (PDF) - List of Unclassifed Manufacturers

4223 Datasheet PDF - List of Unclassifed Manufacturers
Part # 4223
Download  4223 Download
File Size   162.33 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Urethane Conformal Coating

4223 Datasheet (PDF)

Go To PDF Page Download Datasheet
4223 Datasheet PDF - List of Unclassifed Manufacturers

Part # 4223
Download  4223 Click to download

File Size   162.33 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Urethane Conformal Coating

4223 Datasheet (HTML) - List of Unclassifed Manufacturers


4223 Product details

Description
4223 is a one-part, fast drying, thermoplastic polyurethane conformal coating. It cures to a durable,
flexible, scratch resistant and smooth finish. It is easy to apply and can be handled in 15 minutes. It may
be removed with appropriate strippers, or soldered through for repair or rework.
4223 protects printed circuit boards in extremely corrosive environments. It protects against moisture,
fungus, dirt, dust, thermal shock, abrasion, short circuit, high-voltage arcing, and static discharge.

Features and Benefits
• Meets UL 746E conformal coating specifications for indoor use at 2 mil thickness on a 0.8 mm FR-4
laminate
• Meets UL 94V-1 flammability rating
• Fluoresces under UV-A light (blacklight)
• Isocyanate-free




Similar Part No. - 4223

ManufacturerPart #DatasheetDescription
logo
Heyco.
4223 HEYCO-4223 Datasheet
104Kb / 1P
Shorty Cable Holders
logo
TE Connectivity Ltd
42232-3 TEC-42232-3 Datasheet
247Kb / 5P
Quick Disconnects, Receptacle, 18 – 12 AWG Wire Size, .82 – 3.31 mm² Wire Size, Mating Tab Width .25 in [6.35 mm], Flag, Brass, FASTON 250
12/19/2022
logo
Heyco.
4223F HEYCO-4223F Datasheet
104Kb / 1P
Shorty Cable Holders
More results


Similar Description - 4223

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3140RTV VISHAY-3140RTV Datasheet
114Kb / 1P
Protective Coating
10-Jan-03
3145RTV VISHAY-3145RTV Datasheet
170Kb / 2P
Protective Coating
25-May-05
logo
3M Electronics
4004 3M-4004 Datasheet
109Kb / 5P
Double Coated Urethane Foam Tapes
May-2006
DP600NS 3M-DP600NS Datasheet
343Kb / 12P
3M™ Scotch-Weld™ Urethane
using
3535 3M-3535 Datasheet
24Kb / 6P
3M Scotch-WeldTM Urethane Adhesives
EC-3532 3M-EC-3532 Datasheet
72Kb / 3P
Scotch-WeldTM Urethane Adhesive
logo
Schneider Electric
170ADM35010C SCHNEIDER-170ADM35010C Datasheet
229Kb / 8P
discrete I/O module Modicon Momentum - Conformal coating - 16 I/O solid state
Apr 12, 2022
170ADM37010C SCHNEIDER-170ADM37010C Datasheet
228Kb / 8P
discrete I/O module Modicon Momentum - Conformal coating - 16I / 8O solid state
Apr 12, 2022
BMENOS0300C SCHNEIDER-BMENOS0300C Datasheet
111Kb / 2P
Network Option Switch with conformal coating
Apr 20, 2022
logo
List of Unclassifed Man...
2108-12S ETC1-2108-12S Datasheet
1Mb / 4P
Turbo-Coat Acrylic Conformal Coating
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com