Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DH321 Datasheet (PDF) - ON Semiconductor

DH321 Datasheet PDF - ON Semiconductor
Part # DH321
Download  DH321 Download
File Size   315.87 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Green Mode Power Switch

DH321 Datasheet (PDF)

Go To PDF Page Download Datasheet
DH321 Datasheet PDF - ON Semiconductor

Part # DH321
Download  DH321 Click to download

File Size   315.87 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Green Mode Power Switch

DH321 Datasheet (HTML) - ON Semiconductor


DH321 Product details

Description
Each product in the FSDx321 (x for H, L) family consists of an
integrated Pulse Width Modulator (PWM) and SENSEFET, and is
specifically designed for high performance offline Switch Mode
Power Supplies (SMPS) with minimal external components. Both
devices are integrated high voltage power switching regulators which
combine an avalanche rugged SENSEFET® with a current mode
PWM control block. The integrated PWM controller features include:
a fixed oscillator with frequency modulation for reduced EMI, Under
Voltage Lock Out (UVLO) protection, Leading Edge Blanking (LEB),
an optimized gate turn−on/turn−off driver, Thermal Shut Down (TSD)
protection, Abnormal Over Current Protection (AOCP) and
temperature compensated precision current sources for loop
compensation and fault protection circuitry. When compared to a
discrete MOSFET and controller or RCC switching converter
solution, the FSDx321 devices reduce total component count, design
size, weight while increasing efficiency, productivity and system
reliability. Both devices provide a basic platform that is well suited for
the design of cost−effective flyback converters

Features
• Internal Avalanche Rugged SENSEFET
• Consumes only 0.65 W at 240 VAC & 0.3 W Load with Advanced
Burst−Mode Operation
• Frequency Modulation for EMI Reduction
• Precision Fixed Operating Frequency
• Internal Start−up Circuit
• Pulse−by−Pulse Current Limiting
• Abnormal Over Current Protection (AOCP)
• Over Voltage Protection (OVP)
• Over Load Protection (OLP)
• Internal Thermal Shutdown Function (TSD)
• Auto−Restart Mode
• Under Voltage Lockout (UVLO)
• Low Operating Current (max. 3 mA)
• Adjustable Peak Current Limit
• Built−in Soft Start

Applications
• SMPS for STB, Low Cost DVD Player
• Auxiliary Power for PC
• Adapter & Charger




Similar Part No. - DH321

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DH32B-17S HIROSE-DH32B-17S Datasheet
688Kb / 13P
High Speed Transmission, 1mm Pitch Small Interface Connector
DH32B-27S HIROSE-DH32B-27S Datasheet
688Kb / 13P
High Speed Transmission, 1mm Pitch Small Interface Connector
DH32B-37S HIROSE-DH32B-37S Datasheet
688Kb / 13P
High Speed Transmission, 1mm Pitch Small Interface Connector
DH32B-51S HIROSE-DH32B-51S Datasheet
688Kb / 13P
High Speed Transmission, 1mm Pitch Small Interface Connector
More results


Similar Description - DH321

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP6852 SYNC-POWER-SP6852 Datasheet
495Kb / 12P
Green-Mode Power Switch
logo
ON Semiconductor
FSGM0465R ONSEMI-FSGM0465R Datasheet
468Kb / 18P
Green-Mode Power Switch
July, 2019 ??Rev. 2
FSGM0565RB ONSEMI-FSGM0565RB Datasheet
394Kb / 17P
Green-Mode Power Switch
June, 2019 ??Rev. 2
FSL106HR ONSEMI-FSL106HR Datasheet
369Kb / 13P
Green Mode Power Switch
July, 2019 ??Rev. 3
FSL106MR ONSEMI-FSL106MR Datasheet
420Kb / 13P
Green Mode Power Switch
March, 2020 ??Rev. 3
FSL116HR ONSEMI-FSL116HR Datasheet
273Kb / 13P
Green-Mode Power Switch
July, 2019 ??Rev. 2
FSL116LR ONSEMI-FSL116LR Datasheet
405Kb / 13P
Green Mode Power Switch
April, 2019 ??Rev. 2
FSL117MRIN ONSEMI-FSL117MRIN Datasheet
446Kb / 15P
Green-Mode Power Switch
December-2017, Rev. 2
FSL126MR ONSEMI-FSL126MR Datasheet
274Kb / 13P
Green-Mode Power Switch
July, 2019 ??Rev. 2
logo
Leadtrend Technology
LD7904JGP7 LEADTREND-LD7904JGP7 Datasheet
261Kb / 16P
Green Mode Power Switch
3/21/2012
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com