Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSL1506E Datasheet (PDF) - Vishay Siliconix

WSL1506E Datasheet PDF - Vishay Siliconix
Part # WSL1506E
Download  WSL1506E Download
File Size   136.13 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip Flip Chip (Extended Range) Patents Pending

WSL1506E Datasheet (PDF)

Go To PDF Page Download Datasheet
WSL1506E Datasheet PDF - Vishay Siliconix

Part # WSL1506E
Download  WSL1506E Click to download

File Size   136.13 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip Flip Chip (Extended Range) Patents Pending

WSL1506E Datasheet (HTML) - Vishay Siliconix


WSL1506E Product details

FEATURES
• SMD alternative for low power leaded wirewound resistors
• Excellent stability in different environmental conditions (< 0.5 % change in resistance)
• Superior overload and pulse handling capability as compared to thin film (as much as 2 x better)
• Low TCR, down to ± 15 ppm/K
• Low noise: < 0.01 μVRMS/V
• Very low inductance: < 0.08 μH
• Voltage coefficient: < 0.00001 %/V (< 0.1 ppm/V)
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912




Similar Part No. - WSL1506E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL1506E VISHAY-WSL1506E Datasheet
103Kb / 3P
Power Metal Strip® Flip Chip (Extended Range) Patents Pending
18-Nov-08
WSL1506E10E0EBA VISHAY-WSL1506E10E0EBA Datasheet
103Kb / 3P
Power Metal Strip® Flip Chip (Extended Range) Patents Pending
18-Nov-08
WSL1506E10E0EEA VISHAY-WSL1506E10E0EEA Datasheet
103Kb / 3P
Power Metal Strip® Flip Chip (Extended Range) Patents Pending
18-Nov-08
WSL1506E10E0EEK VISHAY-WSL1506E10E0EEK Datasheet
103Kb / 3P
Power Metal Strip® Flip Chip (Extended Range) Patents Pending
18-Nov-08
WSL1506E10E0ETA VISHAY-WSL1506E10E0ETA Datasheet
103Kb / 3P
Power Metal Strip® Flip Chip (Extended Range) Patents Pending
18-Nov-08
More results


Similar Description - WSL1506E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFC1206 VISHAY-VFC1206 Datasheet
127Kb / 2P
High Precision Flip Chip, Patents Pending (Industrialized Countries)
03-Jul-02
WSE VISHAY-WSE Datasheet
207Kb / 3P
Power Metal Strip® Resistors (Extended Range) Surface Mount
13-Oct-06
WSLE VISHAY-WSLE Datasheet
103Kb / 3P
Power Metal Strip® Flip Chip (Extended Range) Patents Pending
18-Nov-08
logo
Linear Dimensions Semic...
LNDA003-PEAL LINEAR_DIMENSIONS-LNDA003-PEAL Datasheet
245Kb / 1P
PEAL Signal Extraction System (PATENTS PENDING)
logo
Panasonic Semiconductor
ELJ-FCR47KF PANASONIC-ELJ-FCR47KF Datasheet
482Kb / 19P
Industrial Property Patents 6 (pending)
logo
Vishay Siliconix
WSE VISHAY-WSE_15 Datasheet
97Kb / 3P
Power Metal Strip® Resistors (Extended Range), Surface Mount
15-Feb-11
logo
Vicor Corporation
110V VICOR-110V Datasheet
611Kb / 14P
Extended temperature range
logo
Tadiran Batteries GmbH
SL-550 TADIRN-SL-550 Datasheet
290Kb / 1P
Extended temperature range
SL-560 TADIRN-SL-560 Datasheet
299Kb / 1P
Extended temperature range
SL-561 TADIRN-SL-561 Datasheet
296Kb / 1P
Extended temperature range
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com