Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7340EBZ Datasheet (PDF) - Analog Devices

ADV7340EBZ Datasheet PDF - Analog Devices
Part # ADV7340EBZ
Download  ADV7340EBZ Download
File Size   1085.64 Kbytes
Page   88 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS

ADV7340EBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7340EBZ Datasheet PDF - Analog Devices

Part # ADV7340EBZ
Download  ADV7340EBZ Click to download

File Size   1085.64 Kbytes
Page   88 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS

ADV7340EBZ Datasheet (HTML) - Analog Devices


ADV7340EBZ Product details

FEATURES

74.25 MHz 20-/30-bit high definition input support

          Compliant with SMPTE 274 M (1080i), 296 M (720p),  and 240 M (1035i)

6 Noise Shaped Video(NSV)12-bit video DACs

      16× (216 MHz) DAC oversampling for SD

     8× (216 MHz) DAC oversampling for ED

     4× (297 MHz) DAC oversampling for HD

    37 mA maximum DAC output current

NTSC M, PAL B/D/G/H/I/M/N, PAL 60 support

NTSC and PAL square pixel operation (24.54 MHz/29.5 MHz)

Multiformat video input support

     4:2:2 YCrCb (SD, ED, and HD)

     4:4:4 YCrCb (ED and HD)

     4:4:4 RGB (SD, ED, and HD)

Multiformat video output support

  Composite (CVBS) and S-Video (Y/C)

  Component YPrPb (SD, ED, and HD)

  Component RGB (SD, ED, and HD)

Macrovision® Rev 7.1.L1 (SD) and Rev 1.2 (ED) compliant

Simultaneous SD and ED/HD operation

EIA/CEA-861B compliance support

Programmable features

   Luma and chroma filter responses

   Vertical blanking interval (VBI)

   Subcarrier frequency (FSC) and phase

   Luma delay

Copy generation management system (CGMS)

Closed captioning and wide screen signaling (WSS)

Integrated subcarrier locking to external video source

Complete on-chip video timing generator

On-chip test pattern generation

On-board voltage reference (optional external input)

Serial MPU interface with dual I2C® and SPI® compatibility

3.3 V analog operation

1.8 V digital operation

3.3 V I/O operation

Temperature range: −40°C to +85°C



 




Similar Part No. - ADV7340EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7340 AD-ADV7340_15 Datasheet
1Mb / 108P
Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
More results


Similar Description - ADV7340EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7310 AD-ADV7310 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
8/03-Data Sheet changed from REV. 0 to REV. A.
ADV7320 AD-ADV7320 Datasheet
1,009Kb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
10/04-Revision 0
ADV7344 AD-ADV7344 Datasheet
1Mb / 88P
Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
10/06-Revision 0
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7340 AD-ADV7340_15 Datasheet
1Mb / 108P
Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7341 AD-ADV7341_15 Datasheet
1Mb / 108P
Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7344 AD-ADV7344_15 Datasheet
2Mb / 108P
Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com