Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6966 Datasheet (PDF) - Unisonic Technologies

A6966 Datasheet PDF - Unisonic Technologies
Part # A6966
Download  A6966 Download
File Size   90.2 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 5 DOT LED LEVEL METER

A6966 Datasheet (PDF)

Go To PDF Page Download Datasheet
A6966 Datasheet PDF - Unisonic Technologies

Part # A6966
Download  A6966 Click to download

File Size   90.2 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 5 DOT LED LEVEL METER

A6966 Datasheet (HTML) - Unisonic Technologies


A6966 Product details

DESCRIPTION

The UTC A6966is designed for 5 LED level meter driver in 9 lead SIP package. It consists of one inputamplifier and five comparators for LED level indication.



FEATURES

* Low Spurious Noise Operation.

* Constant Current Output: IOUT=8mA (Typ.)

* Indication Level Steps: 5dB, 5dB, 3dB, 3dB

* Wide Operating Supply Voltage Range: VCC= 4~ 12V

* Variable Input Amplifier Gain: GV= 0 ~ 20dB




Similar Part No. - A6966

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
A6966G-G09-T UTC-A6966G-G09-T Datasheet
169Kb / 4P
5 DOT LED LEVEL METER
A6966 UTC-A6966_15 Datasheet
169Kb / 4P
5 DOT LED LEVEL METER
More results


Similar Description - A6966

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2284 SAMSUNG-KA2284 Datasheet
98Kb / 4P
5 DOT LED LEVEL METER DRIVER
S1A2284A01 SAMSUNG-S1A2284A01 Datasheet
42Kb / 4P
5 DOT LED LEVEL METER DRIVER
KA2281 SAMSUNG-KA2281 Datasheet
123Kb / 3P
5-Dot Dual Led Level Meter Driver
logo
Powertip Technology
KA2281 POWERTIP-KA2281 Datasheet
121Kb / 3P
5-DOT DUAL LED LEVEL METER DRIVER
logo
Unisonic Technologies
LA2284 UTC-LA2284 Datasheet
114Kb / 4P
5-DOT DUAL LED LEVEL METER DRIVER
logo
Samsung semiconductor
KA2287 SAMSUNG-KA2287 Datasheet
114Kb / 3P
5 DOT LED LINEAR LEVEL METER DRIVER
logo
Unisonic Technologies
LA2284 UTC-LA2284_05 Datasheet
142Kb / 5P
5-DOT DUAL LED LEVEL METER DRIVER
LA2284 UTC-LA2284_11 Datasheet
176Kb / 5P
5-DOT DUAL LED LEVEL METER DRIVER
LA2284A UTC-LA2284A_15 Datasheet
165Kb / 7P
5-DOT DUAL LED LEVEL METER DRIVER
A6966 UTC-A6966_15 Datasheet
169Kb / 4P
5 DOT LED LEVEL METER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com