Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE2004Y Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE2004Y Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE2004Y
Download  NCE2004Y Download
File Size   283.14 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

NCE2004Y Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE2004Y Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE2004Y
Download  NCE2004Y Click to download

File Size   283.14 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

NCE2004Y Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE2004Y Product details

Description
The NCE2004Y uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.

General Features
● VDS =20V,ID =4A
RDS(ON) < 24mΩ @ VGS=4.5V
RDS(ON) < 32mΩ @ VGS=2.5V
● High density cell design for ultra low Rdson
● Fully characterized avalanche voltage and current

Application
● Power switching application
● Hard switched and high frequency circuits
● Uninterruptible power supply




Similar Part No. - NCE2004Y

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2004NE NCEPOWER-NCE2004NE Datasheet
351Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE2004NE VBSEMI-NCE2004NE Datasheet
513Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
More results


Similar Description - NCE2004Y

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE01H16 NCEPOWER-NCE01H16 Datasheet
369Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE70H13 NCEPOWER-NCE70H13 Datasheet
407Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1490 NCEPOWER-NCE1490 Datasheet
375Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1530KC NCEPOWER-NCE1530KC Datasheet
419Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com