Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE3008N Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE3008N Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE3008N
Download  NCE3008N Download
File Size   338.9 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

NCE3008N Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE3008N Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE3008N
Download  NCE3008N Click to download

File Size   338.9 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

NCE3008N Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE3008N Product details

Description
The NCE3008N uses advanced trench technology to provide
excellent RDS(ON), low gate charge .This device is suitable for
use as a Battery protection or in other switching application.
General Feature
● VDS =30V,ID =8A
RDS(ON) <15mΩ @ VGS=10V
RDS(ON) < 25mΩ @ VGS=4.5V
● High Power and current handing capability
● Lead free product is acquired
● Surface mount package
Application
●Battery switch
●DC/DC converter




Similar Part No. - NCE3008N

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE3008M NCEPOWER-NCE3008M Datasheet
273Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3008XM NCEPOWER-NCE3008XM Datasheet
636Kb / 8P
NCE N-Channel Enhancement Mode Power MOSFET
V1.0
NCE3008Y NCEPOWER-NCE3008Y Datasheet
313Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V1.0
More results


Similar Description - NCE3008N

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE01H16 NCEPOWER-NCE01H16 Datasheet
369Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE70H13 NCEPOWER-NCE70H13 Datasheet
407Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1490 NCEPOWER-NCE1490 Datasheet
375Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1530KC NCEPOWER-NCE1530KC Datasheet
419Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com