Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16818 Datasheet (PDF) - Maxim Integrated Products

MAX16818 Datasheet PDF - Maxim Integrated Products
Part # MAX16818
Download  MAX16818 Download
File Size   917.09 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing

MAX16818 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16818 Datasheet PDF - Maxim Integrated Products

Part # MAX16818
Download  MAX16818 Click to download

File Size   917.09 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing

MAX16818 Datasheet (HTML) - Maxim Integrated Products


MAX16818 Product details

General Description
The MAX16818 pulse-width modulation (PWM) LED driver controller provides high-output-current capability in a compact package with a minimum number of external components. The MAX16818 is suitable for use in synchronous and nonsynchronous step-down (buck) topologies, as well as in boost, buck-boost, SEPIC, and Cuk LED drivers. The MAX16818 is the first LED driver controller that enables Maxim’s technology for fast LED current transients of up to 20A/µs and 30kHz dimming frequency.

Benefts and Features
● Flexible Architecture Supports a Range of LED Lighting Applications with Minimal Component Count
    • Up to 30A Output Current
    • 4.75V to 5.5V or 7V to 28V Input Voltage Range
    • Average-Current-Mode Control
    • True-Differential Remote-Sense Input
● Frequency Management Reduces EMI and Interference with Other System Clocks
    • Programmable Switching Frequency or External Synchronization from 125kHz to 1.5MHz
    • Clock Output for 180° Out-of-Phase Operation
● Integrated Protection Features and Thermally Enhanced Package Improve System Reliability
    • Output Overvoltage and Hiccup-Mode Overcurrent Protection
    • Thermal Shutdown
    • Thermally Enhanced 28-Pin TQFN Package

Applications
● Front Projectors/Rear Projection TVs
● Portable and Pocket Projectors
● LCD TVs and Display Backlight




Similar Part No. - MAX16818

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16818 MAXIM-MAX16818 Datasheet
294Kb / 25P
1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818ATI+ MAXIM-MAX16818ATI+ Datasheet
294Kb / 25P
1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818ATI+ MAXIM-MAX16818ATI+ Datasheet
1Mb / 25P
1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 4; 5/15
MAX16818ETI+ MAXIM-MAX16818ETI+ Datasheet
294Kb / 25P
1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818ETI+ MAXIM-MAX16818ETI+ Datasheet
1Mb / 25P
1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 4; 5/15
More results


Similar Description - MAX16818

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16821A MAXIM-MAX16821A Datasheet
368Kb / 25P
High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 0; 7/07
MAX16818 MAXIM-MAX16818_09 Datasheet
294Kb / 25P
1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16821A MAXIM-MAX16821A_09 Datasheet
288Kb / 24P
High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
MAX16821A MAXIM-MAX16821A_10 Datasheet
301Kb / 24P
High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
High Efficiency, Constant Current 36V LED driver
logo
Maxim Integrated Produc...
MAX16818 MAXIM-MAX16818_15 Datasheet
1Mb / 25P
1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 4; 5/15
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
Maxic Technology Corpor...
MT771XL MAXIC-MT771XL Datasheet
227Kb / 1P
High Efficiency Buck Constant Current LED Driver
MT777XL MAXIC-MT777XL Datasheet
234Kb / 1P
High Efficiency Buck Constant Current LED Driver
logo
Maxim Integrated Produc...
MAX16821 MAXIM-MAX16821 Datasheet
1Mb / 24P
High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com