Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS563201 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS563201 Datasheet PDF - Texas Instruments
Part # TPS563201
Download  TPS563201 Download
File Size   987.01 Kbytes
Page   27 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23

TPS563201 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS563201 Datasheet PDF - Texas Instruments

Part # TPS563201
Download  TPS563201 Click to download

File Size   987.01 Kbytes
Page   27 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23

TPS563201 Datasheet (HTML) - Texas Instruments


TPS563201 Product details

1 Features
1• TPS563201 and TPS563208 3-A Converter
Integrated 95-mΩ and 57-mΩ FETs
• D-CAP2™ Mode Control with fast transient
response
• Input Voltage Range: 4.5 V to 17 V
• Output Voltage Range: 0.76 V to 7 V
• Pulse-skip mode (TPS563201) or Continuous
Current Mode (TPS563208)
• 580-kHz Switching Frequency
• Low Shutdown Current Less than 10 μA
• 2% Feedback Voltage Accuracy (25 ºC)
• Startup from Pre-Biased Output Voltage
• Cycle-by-Cycle Overcurrent Limit
• Hiccup-mode Overcurrent Protection
• Non-Latch UVP and TSD Protections
• Fixed Soft Start: 1.0 ms
2 Applications
• Digital TV Power Supply
• High Definition Blu-ray™ Disc Players
• Networking Home Terminal
• Digital Set Top Box (STB)
• Surveillance
3 Description
The TPS563201 and TPS563208 are simple, easy-to-
use, 3 A synchronous step-down converters in SOT-
23 package.
The devices are optimized to operate with minimum
external component counts and also optimized to achieve low standby current.
These switch mode power supply (SMPS) devices employ D-CAP2 mode control providing a fast
transient response and supporting both low-
equivalent series resistance (ESR) output capacitors
such as specialty polymer and ultra-low ESR ceramic
capacitors with no external compensation components.
TPS563201 operates in pulse skip mode, which maintains high efficiency during light load operation.
The TPS563201 and TPS563208 are available in a 6-
pin 1.6-mm × 2.9-mm SOT (DDC) package, and
specified from a –40°C to 125°C junction temperature.




Similar Part No. - TPS563201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
Synchronous Step-Down Voltage Regulator
TPS563201DDCR TI1-TPS563201DDCR Datasheet
1Mb / 25P
Synchronous Step-Down Voltage Regulator
TPS563201DDCT TI1-TPS563201DDCT Datasheet
1Mb / 25P
Synchronous Step-Down Voltage Regulator
More results


Similar Description - TPS563201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS561201 TI1-TPS561201 Datasheet
1Mb / 25P
4.5-V to 17-V Input, 1-A Synchronous Step-Down Voltage Regulator in 6-Pin SOT-23
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com