Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-240 Datasheet (PDF) - List of Unclassifed Manufacturers

F-240 Datasheet PDF - List of Unclassifed Manufacturers
Part # F-240
Download  F-240 Download
File Size   1814.62 Kbytes
Page   55 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description F-240 Series – Industrial CFastTM Card with SATA interface

F-240 Datasheet (PDF)

Go To PDF Page Download Datasheet
F-240 Datasheet PDF - List of Unclassifed Manufacturers

Part # F-240
Download  F-240 Click to download

File Size   1814.62 Kbytes
Page   55 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description F-240 Series – Industrial CFastTM Card with SATA interface

F-240 Datasheet (HTML) - List of Unclassifed Manufacturers


F-240 Product details

Features
 Highly-integrated memory controller
o SATA Rev 2.6 - 3Gbit/s (1.5Gbit/s compatible)
o max. UDMA6 MDMA2, PIO4, supported
o Hardware BCH-code ECC
(24bit correction per double sector or
6bit per sector)
o Fix drive configuration
 Small form factor:
o CompactFlash card sized Solid State Drive (SSD)
with SATA interface
o 42.8mm x 36.4mm x 3.3mm (max. 3.6mm)
 7+17 pin (SATA+power) CFast connector
 3.3V ± 5% power supply
 Very low Power, typical 250mA in transfer operation (CFAST Power level 0)
 CFast PHYSLP supported (<20 mA)
 Activity and SATAlink LED output at LED1 and LED2 pin
 write protect at connector IO1 pin
 Special features
o S.M.A.R.T. support with additional vendor information,
interpretation with Swissbit life time monitoring tool
o TRIM command
o NCQ queue depth 32
o HPA (Host protected area)
o Security mode feature set
o LBA48 command set
o host initiated power management requests
o write protection with vendor command
 Wear Leveling: active wear leveling of static and dynamic data
The wear leveling assures that dynamic data as well as static data is balanced evenly across the
memory. With that the maximum write endurance of the device is guaranteed.
 Read disturb management (refresh data when flash often read)
 High reliability
o Best available SLC NAND Flash technology
o Designed for embedded market
o MTBF > 2,500,000 hours
o Data reliability: < 1 non-recoverable error per 1014 bits read
o Number of connector insertions/removals: >10,000
 High performance
o Up to 300MB/s burst transfer rate in SATA II - 3.0Gb/sec
o Sustained Write performance: up to 100MB/s (4channel)
o Sustained Read Performance: up to 130MB/s (4channel)
 Available densities
o 2GByte up to 64GByte (SLC NAND Flash)
 2 Temperature ranges
o Commercial Temperature range 0 … +70°C
o Industrial Temperature range -40 … +85°C
 Life Cycle Management
 Controlled BOM
 RoHS compatible




Similar Part No. - F-240

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-241U TRIAD-F-241U Datasheet
241Kb / 3P
ChassisMount SingleSecondary
F-241U TRIAD-F-241U_13 Datasheet
42Kb / 1P
Chassis Mount: Single Secondary
F-243U TRIAD-F-243U Datasheet
241Kb / 3P
ChassisMount SingleSecondary
F-243U TRIAD-F-243U Datasheet
42Kb / 1P
Chassis Mount: Multiple Secondary
December 4, 2013
F-243U TRIAD-F-243U_13 Datasheet
42Kb / 1P
Chassis Mount: Multiple Secondary
December 4, 2013
More results


Similar Description - F-240

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FSA AXIOMTEK-FSA Datasheet
233Kb / 1P
SATA II standard interface
logo
Greenliant systems
GLS85LS1XXXG GREENLIANT-GLS85LS1XXXG Datasheet
150Kb / 7P
Industrial Grade SATA NANDrive EX Series
GLS85LS1016P GREENLIANT-GLS85LS1016P Datasheet
133Kb / 7P
Industrial Grade SATA NANDrive
GLS85LS1008C GREENLIANT-GLS85LS1008C Datasheet
159Kb / 8P
Industrial Temp SATA NANDrive
GLS85LS1002P GREENLIANT-GLS85LS1002P Datasheet
146Kb / 8P
Industrial Grade SATA NANDrive
GLS85LS1002E GREENLIANT-GLS85LS1002E Datasheet
144Kb / 7P
Industrial Grade SATA NANDrive
GLS89SQ240G3 GREENLIANT-GLS89SQ240G3 Datasheet
130Kb / 6P
Industrial Temp SATA 2.5 ArmourDrive PX Series
GLS89SP032G3 GREENLIANT-GLS89SP032G3 Datasheet
526Kb / 6P
Industrial Temp 2.5 SATA ArmourDrive PX Series
GLS89SAXXXG1 GREENLIANT-GLS89SAXXXG1 Datasheet
128Kb / 6P
Industrial Grade SATA 2.5 ArmourDrive EX Series
GLS89SA032G2 GREENLIANT-GLS89SA032G2 Datasheet
124Kb / 6P
Industrial Temp SATA 2.5 ArmourDrive MX Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com