Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAD4868A Datasheet (PDF) - Micronas

MAD4868A Datasheet PDF - Micronas
Part # MAD4868A
Download  MAD4868A Download
File Size   782.09 Kbytes
Page   24 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Micronas Audio Delay

MAD4868A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAD4868A Datasheet PDF - Micronas

Part # MAD4868A
Download  MAD4868A Click to download

File Size   782.09 Kbytes
Page   24 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Micronas Audio Delay

MAD4868A Datasheet (HTML) - Micronas


MAD4868A Product details

Features
32 k audio samples RAM:
Total delay time of 680 ms at 48 kHz or
1020 ms at 32 kHz sampling rate
32/18-bit word width:
32-bit High-Resolution mode or
18-bit Standard mode
Sampling rates from 32 kHz to 48 kHz for
serial 8-channel mode are supported
Sampling rates from 4 kHz to 192 kHz for
parallel 2-channel mode are supported
Memory allocation:
MAD 4868A’s memory can be allocated for 1…8
audio channels. Delay time can be programmed for
each channel individually.




Similar Part No. - MAD4868A

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
MAD40 P-DUKE-MAD40 Datasheet
2Mb / 5P
0.11 WATT LOW STANDBY POWER CONSUMPTION
More results


Similar Description - MAD4868A

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9252S ROHM-BU9252S Datasheet
63Kb / 6P
Audio digital delay (KARAOKE echo)
logo
Asahi Kasei Microsystem...
AK7714 AKM-AK7714 Datasheet
516Kb / 48P
20-Bit Audio Codec with DSP and Delay RAM
logo
New Japan Radio
NJU26901 NJRC-NJU26901 Datasheet
106Kb / 8P
Digital Audio Delay
NJU26902 NJRC-NJU26902 Datasheet
210Kb / 11P
Digital Audio Delay
logo
Texas Instruments
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
STEREO DIGITAL AUDIO LIP-SYNC DELAY
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
New Japan Radio
NJU26904 NJRC-NJU26904 Datasheet
208Kb / 18P
Digital Audio Delay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com