Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTLC1154RDPL Datasheet (PDF) - Finisar Corporation.

FTLC1154RDPL Datasheet PDF - Finisar Corporation.
Part # FTLC1154RDPL
Download  FTLC1154RDPL Download
File Size   702.18 Kbytes
Page   7 Pages
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.
Description 10km 100GBASE-LR4 QSFP28 Optical Transceiver Module

FTLC1154RDPL Datasheet (PDF)

Go To PDF Page Download Datasheet
FTLC1154RDPL Datasheet PDF - Finisar Corporation.

Part # FTLC1154RDPL
Download  FTLC1154RDPL Click to download

File Size   702.18 Kbytes
Page   7 Pages
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.
Description 10km 100GBASE-LR4 QSFP28 Optical Transceiver Module

FTLC1154RDPL Datasheet (HTML) - Finisar Corporation.


FTLC1154RDPL Product details

FEATURES
• Hot-pluggable QSFP28 form factor
• Supports 103.1Gb/s aggregate bit
rate
• Power dissipation < 3.5W
• RoHS-6 compliant
• Commercial case temperature range
of 0°C to 70°C
• Adaptive CTLE
• Single 3.3V power supply
• Maximum link length of 10km on
Single Mode Fiber (SMF)
• 4x25Gb/s DFB-based
LAN-WDM transmitter
• 4x25G retimed electrical interface
• Duplex LC receptacles
• I2C management interface

APPLICATIONS
• 100GBASE-LR4 100G Ethernet




Similar Part No. - FTLC1154RDPL

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
FTLC1154RDPL COHERENT-FTLC1154RDPL Datasheet
385Kb / 9P
10km 100GBASE-LR4 QSFP28 Optical Transceiver Module
FTLC1154RDPL3 COHERENT-FTLC1154RDPL3 Datasheet
454Kb / 9P
10km 100GBASE-LR4 QSFP28 Optical Transceiver Module
FTLC1154RDPL4 COHERENT-FTLC1154RDPL4 Datasheet
453Kb / 9P
10km 100GBASE-LR4 QSFP28 Optical Transceiver Module
FTLC1154RDPLC COHERENT-FTLC1154RDPLC Datasheet
433Kb / 9P
100G 20km eLR4 QSFP28 Optical Transceiver Module (WDM-20)
FTLC1154RDPLD COHERENT-FTLC1154RDPLD Datasheet
401Kb / 9P
100G 20km eLR4 QSFP28 Optical Transceiver Module(WDM-20)
More results


Similar Description - FTLC1154RDPL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL4C1QE1C FINISAR-FTL4C1QE1C Datasheet
461Kb / 8P
40GBASE-LR4 QSFP Optical Transceiver Module
FTLD10CE1C FINISAR-FTLD10CE1C Datasheet
464Kb / 10P
100GBASE-SR10 100m CXP Optical Transceiver Module
FTL4C1QE1L FINISAR-FTL4C1QE1L Datasheet
473Kb / 8P
40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1C FINISAR-FTL4C1QL1C Datasheet
254Kb / 9P
40GBASE-LR4 Lite QSFP Optical Transceiver Module
FTLC1151RDPL FINISAR-FTLC1151RDPL Datasheet
632Kb / 7P
10km 100GBASE-LR4 QSFP28 Optical Transceiver Module
FTLC1151SDPL FINISAR-FTLC1151SDPL Datasheet
672Kb / 8P
10km Multi-rate 100G QSFP28 Optical Transceiver Module
FTL4C1QL1L FINISAR-FTL4C1QL1L Datasheet
467Kb / 8P
40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE2C FINISAR-FTL4C1QE2C Datasheet
444Kb / 8P
40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL2C FINISAR-FTL4C1QL2C Datasheet
499Kb / 8P
40GBASE-LR4 Lite QSFP Optical Transceiver Module
FTLC1122RDNL FINISAR-FTLC1122RDNL Datasheet
435Kb / 9P
10km 100GBASE-LR4 CFP2 Optical Transceiver Module
More results




About Finisar Corporation.


Finisar Corporation is a company that designs, develops, manufactures, and markets optical communication products. It was founded in 1988 and is headquartered in Sunnyvale, California, United States.

The company's products include optical transceivers, active optical cables, optical engines, optical components, wavelength selective switches, and network performance test and monitoring systems. Finisar's products are used in a wide range of applications, including data communication and telecommunication networks, storage area networks, and high-performance computing.

In December 2018, Finisar was acquired by II-VI Incorporated, a global leader in engineered materials and optoelectronic components.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com