Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD-SERIES Datasheet (PDF) - TDK Electronics

CD-SERIES Datasheet PDF - TDK Electronics
Part # CD-SERIES
Download  CD-SERIES Download
File Size   58.47 Kbytes
Page   4 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description High Voltage Ceramic Capacitors Commercial Grade

CD-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
CD-SERIES Datasheet PDF - TDK Electronics

Part # CD-SERIES
Download  CD-SERIES Click to download

File Size   58.47 Kbytes
Page   4 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description High Voltage Ceramic Capacitors Commercial Grade

CD-SERIES Datasheet (HTML) - TDK Electronics


CD-SERIES Product details

FEATURES
• Compliant with IEC and the safety standards of various countries.
• This ceramic capacitor meets reinforced insulation's Safety
Standards.
Since it is rated at a withstand voltage of AC.4000V, it can be
used in single-unit configurations within European Class II
devices.
• Flame-resistant reinforced outer insulation prevents fires, electrical
shock, and other potential hazards.
• Compatible with halogen-free external resin coating.




Similar Part No. - CD-SERIES

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CD-0-2072-0000-I VCC-CD-0-2072-0000-I Datasheet
704Kb / 4P
CD Series .236″ (6.0mm) LED Indicator, IP67 sealed and Vandal Resistant
12/19
CD-0-2072-9907-I VCC-CD-0-2072-9907-I Datasheet
704Kb / 4P
CD Series .236″ (6.0mm) LED Indicator, IP67 sealed and Vandal Resistant
12/19
CD-0-2072-9908-I VCC-CD-0-2072-9908-I Datasheet
704Kb / 4P
CD Series .236″ (6.0mm) LED Indicator, IP67 sealed and Vandal Resistant
12/19
CD-0-2072-9909-I VCC-CD-0-2072-9909-I Datasheet
704Kb / 4P
CD Series .236″ (6.0mm) LED Indicator, IP67 sealed and Vandal Resistant
12/19
CD-0-2072-9910-I VCC-CD-0-2072-9910-I Datasheet
704Kb / 4P
CD Series .236″ (6.0mm) LED Indicator, IP67 sealed and Vandal Resistant
12/19
More results


Similar Description - CD-SERIES

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4520C0G3F101K200KA TDK-C4520C0G3F101K200KA_16 Datasheet
130Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
C4520C0G3F120K085KA TDK-C4520C0G3F120K085KA_16 Datasheet
130Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
C4520C0G3F270K160KA TDK-C4520C0G3F270K160KA_16 Datasheet
131Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F270K160KA TDK-C4520CH3F270K160KA_16 Datasheet
130Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F470K160KA TDK-C4520CH3F470K160KA_16 Datasheet
130Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
C4520JB3A102K130KA TDK-C4520JB3A102K130KA_16 Datasheet
138Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
C4520JB3A102M130KA TDK-C4520JB3A102M130KA_16 Datasheet
138Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
C4532X7R3A103K200KA TDK-C4532X7R3A103K200KA_16 Datasheet
138Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
C4532X7R3A103M200KA TDK-C4532X7R3A103M200KA_16 Datasheet
138Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
C4532CH3F271K230KA TDK-C4532CH3F271K230KA_16 Datasheet
130Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com