Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS138DW Datasheet (PDF) - Nanjing International Group Co

BSS138DW Datasheet PDF - Nanjing International Group Co
Part # BSS138DW
Download  BSS138DW Download
File Size   2253.13 Kbytes
Page   6 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description Dual N-Channel 60 V (D-S) MOSFET

BSS138DW Datasheet (PDF)

Go To PDF Page Download Datasheet
BSS138DW Datasheet PDF - Nanjing International Group Co

Part # BSS138DW
Download  BSS138DW Click to download

File Size   2253.13 Kbytes
Page   6 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description Dual N-Channel 60 V (D-S) MOSFET

BSS138DW Datasheet (HTML) - Nanjing International Group Co


BSS138DW Product details

•Low On-Resistance:1.5
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
Ω
• Low Threshold: 2 V (typ.)
• Low Input Capacitance: 25 pF
• Fast Switching Speed: 25 ns
• Low Input and Output Leakage
• TrenchFET® Power MOSFET
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - BSS138DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS138DW DIODES-BSS138DW Datasheet
58Kb / 1P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30203 Rev. B-2
BSS138DW DIODES-BSS138DW Datasheet
105Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30203 Rev. 8 - 2
BSS138DW DIODES-BSS138DW Datasheet
115Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Rev. 12 - 2 September 2009
logo
Nanjing International G...
BSS138DW DGNJDZ-BSS138DW Datasheet
2Mb / 6P
Dual N-Channel 60 V (D-S) MOSFET
logo
Goodwork Semiconductor ...
BSS138DW GWSEMI-BSS138DW Datasheet
513Kb / 4P
Dual N-Channel MOSFET
More results


Similar Description - BSS138DW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
Dual N-Channel 60-V (D-S) MOSFET
02-Mar-09
logo
Analog Power
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
Dual N-Channel 60-V (D-S) MOSFET
AMA960N ANALOGPOWER-AMA960N Datasheet
354Kb / 5P
Dual N-Channel 60-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBK362K VBSEMI-VBK362K Datasheet
494Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
2N7002KDW VBSEMI-2N7002KDW Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
435YW VBSEMI-435YW Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
UM6K31NTN VBSEMI-UM6K31NTN Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
UM6K33NTN VBSEMI-UM6K33NTN Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
SSM6N7002BFU VBSEMI-SSM6N7002BFU Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
Dual N-Channel 60 V (D-S) MOSFET
04-Aug-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com