Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJ4N60 Datasheet (PDF) - Nanjing International Group Co

NJ4N60 Datasheet PDF - Nanjing International Group Co
Part # NJ4N60
Download  NJ4N60 Download
File Size   945.14 Kbytes
Page   7 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description 4.0A 600V N-CHANNEL POWER MOSFET

NJ4N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJ4N60 Datasheet PDF - Nanjing International Group Co

Part # NJ4N60
Download  NJ4N60 Click to download

File Size   945.14 Kbytes
Page   7 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description 4.0A 600V N-CHANNEL POWER MOSFET

NJ4N60 Datasheet (HTML) - Nanjing International Group Co


NJ4N60 Product details

FEATURES
* VDS = 600V
* ID = 4.0A
* RDS(ON) =2. Ω@VGS = 10V.
* Ultra Low gate charge (typical 15nC)
* Low reverse transfer capacitance (CRSS = typical 8.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness




Similar Part No. - NJ4N60

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60 Datasheet
1Mb / 4P
4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60-BL DGNJDZ-NJ4N60-BL Datasheet
1Mb / 4P
4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60-LI DGNJDZ-NJ4N60-LI Datasheet
1Mb / 4P
4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60A-LI DGNJDZ-NJ4N60A-LI Datasheet
1Mb / 4P
4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60D-LI DGNJDZ-NJ4N60D-LI Datasheet
1Mb / 4P
4.0A 600V N-CHANNEL POWER MOSFET
More results


Similar Description - NJ4N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N80 UTC-4N80_12 Datasheet
201Kb / 6P
4.0A, 800V N-CHANNEL POWER MOSFET
logo
HY ELECTRONIC CORP.
HY4N60D HY-HY4N60D Datasheet
166Kb / 4P
600V / 4.0A N-Channel Enhancement Mode MOSFET
HY4N60T HY-HY4N60T Datasheet
107Kb / 4P
600V / 4.0A N-Channel Enhancement Mode MOSFET
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60 Datasheet
1Mb / 4P
4.0A 600V N-CHANNEL POWER MOSFET
NJ4N65 DGNJDZ-NJ4N65 Datasheet
863Kb / 7P
4.0A 650V N-CHANNEL POWER MOSFET
NJ4N80 DGNJDZ-NJ4N80 Datasheet
604Kb / 6P
4.0A 800V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF4N60 FCI-IRF4N60 Datasheet
127Kb / 3P
4.0A 600V N CHANNEL POWER MOSFET
IRF4N60FP FCI-IRF4N60FP Datasheet
457Kb / 3P
4.0A 600V N CHANNEL POWER MOSFET
logo
Unisonic Technologies
4N90C UTC-4N90C Datasheet
197Kb / 5P
4.0A, 900V N-CHANNEL POWER MOSFET
logo
Will Semiconductor Ltd.
WNM3003 WILLSEMI-WNM3003 Datasheet
445Kb / 7P
N-Channel, 30V, 4.0A, Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com