Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJ2N60D-LI Datasheet (PDF) - Nanjing International Group Co

NJ2N60D-LI Datasheet PDF - Nanjing International Group Co
Part # NJ2N60D-LI
Download  NJ2N60D-LI Download
File Size   833.61 Kbytes
Page   6 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description 2.0A 600V N-CHANNEL POWER MOSFET

NJ2N60D-LI Datasheet (PDF)

Go To PDF Page Download Datasheet
NJ2N60D-LI Datasheet PDF - Nanjing International Group Co

Part # NJ2N60D-LI
Download  NJ2N60D-LI Click to download

File Size   833.61 Kbytes
Page   6 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description 2.0A 600V N-CHANNEL POWER MOSFET

NJ2N60D-LI Datasheet (HTML) - Nanjing International Group Co


NJ2N60D-LI Product details


FEATURES
RDS(ON) @VGS = 10V
Ultra Low gate charge (typical 9.0nC)
Low reverse transfer capacitance (CRSS = typical 5.0 pF)
Fast switching capability
Avalanche energy specified
Improved dv/dt capability, high ruggedness




Similar Part No. - NJ2N60D-LI

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ2N60D-LI DGNJDZ-NJ2N60D-LI Datasheet
908Kb / 6P
2.0A 600V N-CHANNEL POWER MOSFET
More results


Similar Description - NJ2N60D-LI

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
600V N-CHANNEL POWER MOSFET
logo
Tak Cheong Electronics ...
TFP2N60 TAK_CHEONG-TFP2N60 Datasheet
332Kb / 7P
N-Channel Power MOSFET 2.0A, 600V, 4.6廓
logo
HY ELECTRONIC CORP.
HY2N60D HY-HY2N60D Datasheet
189Kb / 4P
600V / 2.0A N-Channel Enhancement Mode MOSFET
HY2N60T HY-HY2N60T Datasheet
129Kb / 4P
600V / 2.0A N-Channel Enhancement Mode MOSFET
logo
Nanjing International G...
NJ2N60 DGNJDZ-NJ2N60 Datasheet
908Kb / 6P
2.0A 600V N-CHANNEL POWER MOSFET
NJ2N65 DGNJDZ-NJ2N65 Datasheet
625Kb / 6P
2.0A 650V N-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
logo
KIA Semiconductor Techn...
2N60H KIA-2N60H Datasheet
344Kb / 6P
2.0A, 600V N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com