Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843204I Datasheet (PDF) - Renesas Technology Corp

ICS843204I Datasheet PDF - Renesas Technology Corp
Part # ICS843204I
Download  ICS843204I Download
File Size   540.21 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FEMTOCLOCK™ CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER

ICS843204I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS843204I Datasheet PDF - Renesas Technology Corp

Part # ICS843204I
Download  ICS843204I Click to download

File Size   540.21 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FEMTOCLOCK™ CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER

ICS843204I Datasheet (HTML) - Renesas Technology Corp


ICS843204I Product details

FEATURES
• Four 3.3V LVPECL outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Supports the following output frequencies: 155.52MHz
and 156.25MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter @ 155.52MHz, using a 19.44MHz crystal
(12kHz - 20MHz): 0.98ps (typical)
• RMS phase jitter @ 156.25MHz, using a 19.44MHz crystal
(1.875MHz - 20MHz): 0.52ps (typical)
• Full 3.3V supply mode
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages




Similar Part No. - ICS843204I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843204I ICST-ICS843204I Datasheet
109Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843204I IDT-ICS843204I Datasheet
382Kb / 16P
3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Similar Description - ICS843204I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843004-125 IDT-ICS843004-125 Datasheet
364Kb / 14P
FemtoClock??Crystal-to-3.3V LVPECL Frequency Synthesizer
843002 IDT-843002 Datasheet
379Kb / 17P
Femtoclock Crystal-to-3.3V LVPECL Frequency Synthesizer
843002-01 IDT-843002-01 Datasheet
289Kb / 17P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
843003I-01 IDT-843003I-01 Datasheet
233Kb / 17P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
843004-125 IDT-843004-125 Datasheet
264Kb / 15P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
843252 IDT-843252 Datasheet
382Kb / 17P
FemtoClock Crystal-to- 3.3V LVPECL Frequency Synthesizer
8430252-45 IDT-8430252-45 Datasheet
237Kb / 17P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
8430252I-45 IDT-8430252I-45 Datasheet
295Kb / 17P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
8433625 IDT-8433625 Datasheet
412Kb / 19P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843001I-22 RENESAS-843001I-22 Datasheet
577Kb / 22P
FemtoClock™ Crystal/LVCMOS-to-3.3V, 2.5V LVPECL Frequency Synthesizer
11/16/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com