Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843404 Datasheet (PDF) - Renesas Technology Corp

ICS843404 Datasheet PDF - Renesas Technology Corp
Part # ICS843404
Download  ICS843404 Download
File Size   479.96 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR

ICS843404 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS843404 Datasheet PDF - Renesas Technology Corp

Part # ICS843404
Download  ICS843404 Click to download

File Size   479.96 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR

ICS843404 Datasheet (HTML) - Renesas Technology Corp


ICS843404 Product details

FEATURES
• Three banks of outputs: one bank of two LVDS outputs
and two banks of one LVPECL output
• Selectable crystal oscillator interface or
LVCMOS/LVTTL single-ended reference clock input
• Four independently selectable output frequency on each
bank: 318.75MHz, 212.5MHz, 159.375MHz and 106.25MHz
• Maximum output frequency: 318.75MHz
• Crystal input frequency: 25.5MHz
• VDDO_LVPECL can be set for 3.3V or 2.5V, allowing the
device to generate 3.3V or 2.5V LVPECL levels
• RMS phase jitter at 106.25MHz, using a 25.5MHz crystal
(637kHz to 10MHz intergration): 2.65ps (typical)




Similar Part No. - ICS843404

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843404 ICST-ICS843404 Datasheet
246Kb / 19P
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
REV. A OCTOBER 17, 2005
ICS843404AG ICST-ICS843404AG Datasheet
246Kb / 19P
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
REV. A OCTOBER 17, 2005
ICS843404AGLF ICST-ICS843404AGLF Datasheet
246Kb / 19P
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
REV. A OCTOBER 17, 2005
ICS843404AGLFT ICST-ICS843404AGLFT Datasheet
246Kb / 19P
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
REV. A OCTOBER 17, 2005
ICS843404AGT ICST-ICS843404AGT Datasheet
246Kb / 19P
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
REV. A OCTOBER 17, 2005
More results


Similar Description - ICS843404

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843031 ICST-ICS843031 Datasheet
211Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A NOVEMBER 29, 2004
ICS843051 ICST-ICS843051 Datasheet
241Kb / 15P
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A DECEMBER 14, 2004
ICS843001BI ICST-ICS843001BI Datasheet
233Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A OCTOBER 6, 2005
ICS843251-04 ICST-ICS843251-04 Datasheet
145Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005
ICS843252-04 ICST-ICS843252-04 Datasheet
161Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A JANUARY 25, 2006
ICS843404 ICST-ICS843404 Datasheet
246Kb / 19P
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
REV. A OCTOBER 17, 2005
logo
Integrated Device Techn...
ICS843SDN IDT-ICS843SDN Datasheet
830Kb / 14P
FEMTOCLOCK??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
843021 IDT-843021 Datasheet
282Kb / 15P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
ICS843021I IDT-ICS843021I Datasheet
894Kb / 14P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
ICS843011C IDT-ICS843011C Datasheet
247Kb / 14P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com