Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87002-05 Datasheet (PDF) - Renesas Technology Corp

ICS87002-05 Datasheet PDF - Renesas Technology Corp
Part # ICS87002-05
Download  ICS87002-05 Download
File Size   951.59 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:2 LVCMOS/LVTTL-to-LVCMOS/LVTTL Zero Delay Buffer for Audio

ICS87002-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS87002-05 Datasheet PDF - Renesas Technology Corp

Part # ICS87002-05
Download  ICS87002-05 Click to download

File Size   951.59 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:2 LVCMOS/LVTTL-to-LVCMOS/LVTTL Zero Delay Buffer for Audio

ICS87002-05 Datasheet (HTML) - Renesas Technology Corp


ICS87002-05 Product details

Features
• Third generation FemtoClock® technology
• Low phase noise zero delay buffer
• Low skew outputs
• One LVCMOS/LVTTL clock input
• Two LVCMOS/LVTTL outputs
• Phase noise: -125dBc/Hz @1kHz offset; -130dBc/Hz @100kHz offset
• Cycle-to-cycle jitter: 60ps (maximum)
• 0°C to 70°C ambient operating temperature
• Full 3.3V supply voltage




Similar Part No. - ICS87002-05

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87002-05 IDT-ICS87002-05 Datasheet
706Kb / 12P
Third generation FemtoClock
More results


Similar Description - ICS87002-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8602 ICST-ICS8602 Datasheet
148Kb / 10P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
REV. F APRIL 16, 2003
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A JUNE 23, 2003
ICS86953I-147 ICST-ICS86953I-147 Datasheet
269Kb / 13P
DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
REV. B APRIL 23, 2004
logo
Integrated Device Techn...
ICS86004-02 IDT-ICS86004-02 Datasheet
588Kb / 10P
62.5MHZ TO 250MHZ, 1-TO-4 LVCMOS/LVTTL ZERO DELAY CLOCK BUFFER
ICS87951I IDT-ICS87951I Datasheet
191Kb / 14P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY BUFFER
logo
Renesas Technology Corp
86004-01 RENESAS-86004-01 Datasheet
155Kb / 12P
62.5MHz to 250MHz, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
January 21, 2016
86004 RENESAS-86004 Datasheet
419Kb / 14P
15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
7/10/15
86004I RENESAS-86004I Datasheet
475Kb / 14P
15.625MHZ to 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
7/10/15
87002-02 RENESAS-87002-02 Datasheet
506Kb / 17P
1:2, Differential-to-LVCMOS/LVTTL Zero 1:2, Differential-to-LVCMOS/LVTTL Zero
Rev C 7/13/15
ICS86953I-147 RENESAS-ICS86953I-147 Datasheet
171Kb / 14P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com