Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS874003D-02 Datasheet (PDF) - Renesas Technology Corp

ICS874003D-02 Datasheet PDF - Renesas Technology Corp
Part # ICS874003D-02
Download  ICS874003D-02 Download
File Size   574.47 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Jitter Attenuator

ICS874003D-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS874003D-02 Datasheet PDF - Renesas Technology Corp

Part # ICS874003D-02
Download  ICS874003D-02 Click to download

File Size   574.47 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Jitter Attenuator

ICS874003D-02 Datasheet (HTML) - Renesas Technology Corp


ICS874003D-02 Product details

Features
• Three differential LVDS output pairs
• One differential clock input
• CLK, nCLK can accept the following differential input levels:
LVPECL, LVDS, HCSL
• Input frequency range: 98MHz to 128MHz
• Output frequency range: 98MHz to 320MHz
• VCO range: 490MHz - 640MHz
• Cycle-to-Cycle jitter: 30ps (maximum)
• 3MHz PLL loop bandwidth
• 0°C to 70°C ambient operating temperature
• Full 3.3V operating supply
• Lead-free (RoHS 6) packaging
• For drop-in replacement use 874003AG-02




Similar Part No. - ICS874003D-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
PCI EXPRESS JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
1Mb / 14P
PCI EXPRESS??JITTER ATTENUATOR
ICS874003-02 IDT-ICS874003-02 Datasheet
776Kb / 15P
PCI EXPRESS Jitter Attenuator
logo
Renesas Technology Corp
ICS874003-02 RENESAS-ICS874003-02 Datasheet
775Kb / 15P
PCI EXPRESS™ Jitter Attenuator
2010
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02_10 Datasheet
776Kb / 15P
PCI EXPRESS Jitter Attenuator
More results


Similar Description - ICS874003D-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 21, 2005
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 19, 2005
logo
List of Unclassifed Man...
CS61600 ETC1-CS61600 Datasheet
149Kb / 14P
PCM JITTER ATTENUATOR
logo
Integrated Circuit Syst...
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
PCI EXPRESS JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
PCI EXPRESS??JITTER ATTENUATOR
logo
M/A-COM Technology Solu...
28324-BRF-001-A MA-COM-28324-BRF-001-A Datasheet
109Kb / 2P
M28324 Digital Jitter-Attenuator
logo
Pericom Semiconductor C...
PI6CX201ALE PERICOM-PI6CX201ALE Datasheet
627Kb / 5P
25MHz Jitter Attenuator
logo
M/A-COM Technology Solu...
28320-BRF-001-A MA-COM-28320-BRF-001-A_15 Datasheet
109Kb / 2P
Digital Jitter-Attenuator
28324-BRF-001-A MA-COM-28324-BRF-001-A_15 Datasheet
109Kb / 2P
Digital Jitter-Attenuator
28326-BRF-001-A MA-COM-28326-BRF-001-A_15 Datasheet
109Kb / 2P
Digital Jitter-Attenuator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com