Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950602 Datasheet (PDF) - Renesas Technology Corp

ICS950602 Datasheet PDF - Renesas Technology Corp
Part # ICS950602
Download  ICS950602 Download
File Size   332.87 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Timing Control Hub™ for PII/III™

ICS950602 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS950602 Datasheet PDF - Renesas Technology Corp

Part # ICS950602
Download  ICS950602 Click to download

File Size   332.87 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Timing Control Hub™ for PII/III™

ICS950602 Datasheet (HTML) - Renesas Technology Corp


ICS950602 Product details

Output Features:
• 2 - CPU clocks @ 2.5V
• 1 - Pairs of differential CPU clocks @ 3.3V
• 7 - PCI including 1 free running @ 3.3V
• 7 - SDRAM @ 3.3V
• 1 - 48MHz @ 3.3V fixed
• 1 - 24_48MHz selectable @ 3.3V
• 2 - REF @ 3.3V, 14.318MHz
Features/Benefits:
• Programmable output frequency.
• Programmable output divider ratios.
• Programmable output rise/fall time.
• Programmable output skew.
• Programmable spread percentage for EMI control.
• Watchdog timer technology to reset system
if system malfunctions.
• Programmable watch dog safe frequency.
• Support I2
C Index read/write and block read/write
operations.
• Uses external 14.318MHz crystal.
Key Specifications:
• CPU Output Jitter <200ps
• CPU Output Skew <175ps
• PCI to PCI Output Skew <500ps




Similar Part No. - ICS950602

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950602 ICST-ICS950602 Datasheet
147Kb / 16P
Programmable Timing Control Hub for PII/III
ICS950602YFT ICST-ICS950602YFT Datasheet
147Kb / 16P
Programmable Timing Control Hub for PII/III
ICS950602YGT ICST-ICS950602YGT Datasheet
147Kb / 16P
Programmable Timing Control Hub for PII/III
More results


Similar Description - ICS950602

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950602 ICST-ICS950602 Datasheet
147Kb / 16P
Programmable Timing Control Hub for PII/III
logo
Renesas Technology Corp
950905 RENESAS-950905 Datasheet
392Kb / 19P
Programmable Timing Control Hub™ for P4™
Mar 2020
954310 RENESAS-954310 Datasheet
347Kb / 22P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
ICS950211 RENESAS-ICS950211 Datasheet
376Kb / 22P
Programmable Timing Control Hub™ for P4™
2019
ICS950218 RENESAS-ICS950218 Datasheet
322Kb / 20P
Programmable Timing Control Hub™ for P4™
2019
ICS950219 RENESAS-ICS950219 Datasheet
211Kb / 19P
Programmable Timing Control Hub™ for P4™
12/30/03
ICS950220 RENESAS-ICS950220 Datasheet
425Kb / 21P
Programmable Timing Control Hub™ for P4™
03/02/07
ICS950227 RENESAS-ICS950227 Datasheet
314Kb / 18P
Programmable Timing Control Hub™ for P4™
07/03/03
ICS950508 RENESAS-ICS950508 Datasheet
353Kb / 20P
Programmable Timing Control Hub™ for PII/III™
2019
ICS950908 RENESAS-ICS950908 Datasheet
467Kb / 23P
Programmable Timing Control Hub™ for P4™
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com