Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1508352 Datasheet (PDF) - PHOENIX CONTACT

1508352 Datasheet PDF - PHOENIX CONTACT
Part # 1508352
Download  1508352 Download
File Size   525.08 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MS-5CON-PG 9 SH AU - Data connector

1508352 Datasheet (PDF)

Go To PDF Page Download Datasheet
1508352 Datasheet PDF - PHOENIX CONTACT

Part # 1508352
Download  1508352 Click to download

File Size   525.08 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MS-5CON-PG 9 SH AU - Data connector

1508352 Datasheet (HTML) - PHOENIX CONTACT


1508352 Product details

Data connector, CAN Bus/DeviceNet, 5-position, shielded, Plug straight M12, A, Screw
connection, knurl material: Zinc die-cast, nickel-plated, cable gland Pg9, external cable diameter
6.5 mm ... 8.5 mm

Your advantages
• Safe use in the field, thanks to a high degree of protection
• Screw connection: proven connection technology for a large selection of different conductors
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1508352

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15083 ETC1-15083 Datasheet
219Kb / 5P
Normal Wall Flame Retardant Heat Shrink Tubing
logo
Multicomp Pro
15083 MULTICOMP-15083 Datasheet
231Kb / 3P
Normal Wall, Flexible Halogen-Free Polyolefin Heat Shrink Tubing
23/06/22 V1.0
logo
Pro-Power
15083 PROPOWER-15083 Datasheet
311Kb / 5P
2:1 Normal Wall Heatshrink Tubing
V1.1 09/03/20
logo
PHOENIX CONTACT
1508365 PHOENIX-1508365 Datasheet
141Kb / 9P
Data connector - SACC-M12FS-5CON-PG 9 SH AU
09/11/2020
More results


Similar Description - 1508352

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1553190 PHOENIX-1553190 Datasheet
100Kb / 4P
SACC-M12MS-5CON-PG 9-VA
1694266 PHOENIX-1694266 Datasheet
168Kb / 5P
SACC-M12MS-5CON-PG 9-SH
1694318 PHOENIX-1694318 Datasheet
161Kb / 4P
SACC-M12FS-5CON-PG 9-SH
1681460 PHOENIX-1681460 Datasheet
158Kb / 4P
SACC-M12MS-5CON-PG 9-M
1693416 PHOENIX-1693416 Datasheet
168Kb / 5P
SACC-M12MS-5CON-PG 7-SH
1508365 PHOENIX-1508365 Datasheet
141Kb / 9P
Data connector - SACC-M12FS-5CON-PG 9 SH AU
09/11/2020
1500774 PHOENIX-1500774 Datasheet
574Kb / 15P
SACC-M12MS-5CON-PG 9 - Connector
1430417 PHOENIX-1430417 Datasheet
462Kb / 14P
SACC-M12MRB-5CON-PG 9-SH - Data connector
1430420 PHOENIX-1430420 Datasheet
1Mb / 14P
SACC-M12FRB-5CON-PG 9-SH - Data connector
1430433 PHOENIX-1430433 Datasheet
1Mb / 15P
SACC-M12FR-5CON-PG 9-SH - Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com