Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1607276 Datasheet (PDF) - PHOENIX CONTACT

1607276 Datasheet PDF - PHOENIX CONTACT
Part # 1607276
Download  1607276 Download
File Size   426.39 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RF-12S1N8A80DU - Cable connector

1607276 Datasheet (PDF)

Go To PDF Page Download Datasheet
1607276 Datasheet PDF - PHOENIX CONTACT

Part # 1607276
Download  1607276 Click to download

File Size   426.39 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RF-12S1N8A80DU - Cable connector

1607276 Datasheet (HTML) - PHOENIX CONTACT


1607276 Product details

Cable connector, straight, Screw locking, M23, number of positions: 12, type of contact: Socket,
shielded: yes, degree of protection: IP67, cable diameter range: 5 mm ... 13.2 mm, number of
positions: 12, connection method: Crimp connection, series: RF, Alternative product in
accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.: 1242261




Similar Part No. - 1607276

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1607271 SILABS-1607271 Datasheet
115Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability
logo
PHOENIX CONTACT
1607272 PHOENIX-1607272 Datasheet
381Kb / 9P
RF-12P2S8AWA00 - Device connector front mounting
1607273 PHOENIX-1607273 Datasheet
409Kb / 11P
RF-12S1N8A8002 - Cable connector
1607274 PHOENIX-1607274 Datasheet
69Kb / 3P
Contact insert set - VC-TR4/5M-PEA-S88888-SET
1607275 PHOENIX-1607275 Datasheet
428Kb / 11P
RF-12S1N8A8003 - Cable connector
More results


Similar Description - 1607276

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
UMCP-8020005 HARWIN-UMCP-8020005 Datasheet
123Kb / 1P
RF CONNECTOR CABLE PLUG
logo
PHOENIX CONTACT
1607297 PHOENIX-1607297 Datasheet
426Kb / 11P
RF-12S2N8A80DU - Cable connector
1629212 PHOENIX-1629212 Datasheet
631Kb / 17P
M23-12S1N8A80DU - Cable connector
1607228 PHOENIX-1607228 Datasheet
402Kb / 10P
RF-12P1N8A80DU - Cable connector
1607252 PHOENIX-1607252 Datasheet
402Kb / 10P
RF-12P2N8A80DU - Cable connector
1607225 PHOENIX-1607225 Datasheet
403Kb / 10P
RF-12P1N8A8002 - Cable connector
1607275 PHOENIX-1607275 Datasheet
428Kb / 11P
RF-12S1N8A8003 - Cable connector
1607331 PHOENIX-1607331 Datasheet
405Kb / 10P
RF-17P2N8A80DU - Cable connector
1607340 PHOENIX-1607340 Datasheet
434Kb / 12P
RF-17S1N8A80DU - Cable connector
1615068 PHOENIX-1615068 Datasheet
317Kb / 9P
RF-12S2N8A8VDU - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com