Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1607658 Datasheet (PDF) - PHOENIX CONTACT

1607658 Datasheet PDF - PHOENIX CONTACT
Part # 1607658
Download  1607658 Download
File Size   233.44 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST-20KS020 - Crimp contact

1607658 Datasheet (PDF)

Go To PDF Page Download Datasheet
1607658 Datasheet PDF - PHOENIX CONTACT

Part # 1607658
Download  1607658 Click to download

File Size   233.44 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST-20KS020 - Crimp contact

1607658 Datasheet (HTML) - PHOENIX CONTACT


1607658 Product details

Crimp contact, Socket, turned, Single contact, contact diameter: 2 mm, crimp range: 1 mm2 ... 2.
5 mm2, Alternative product in accordance with RoHS II without Exemption 6c (Pb <0.1%) item
no.: 1237423

Your advantages
• Crimping connection: vibration- and temperature-resistant assembly
• High tensile strength of the connection
• Low contact resistance
• Easy production monitoring




Similar Part No. - 1607658

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607653 PHOENIX-1607653 Datasheet
1Mb / 14P
ST-17S1N8AW400S - Device connector front mounting
1607655 PHOENIX-1607655 Datasheet
202Kb / 4P
Crimp contact - ST-20KP010
1607656 PHOENIX-1607656 Datasheet
202Kb / 4P
Crimp contact - ST-20KP020
1607657 PHOENIX-1607657 Datasheet
52Kb / 3P
Crimp contact - ST-20KS010
More results


Similar Description - 1607658

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607579 PHOENIX-1607579 Datasheet
49Kb / 3P
Crimp contact - ST-06KP030
1607581 PHOENIX-1607581 Datasheet
156Kb / 3P
Crimp contact - ST-06KS020
1618464 PHOENIX-1618464 Datasheet
197Kb / 3P
Crimp contact - ST-10KS035
1618254 PHOENIX-1618254 Datasheet
52Kb / 3P
Crimp contact - ST-10KS030
1618255 PHOENIX-1618255 Datasheet
174Kb / 3P
Crimp contact - ST-10KP010
1618256 PHOENIX-1618256 Datasheet
173Kb / 4P
Crimp contact - ST-10KP020
1618261 PHOENIX-1618261 Datasheet
50Kb / 3P
Crimp contact - ST-10KP030
1607657 PHOENIX-1607657 Datasheet
52Kb / 3P
Crimp contact - ST-20KS010
1607577 PHOENIX-1607577 Datasheet
151Kb / 3P
Crimp contact - ST-06KP010
1618458 PHOENIX-1618458 Datasheet
176Kb / 3P
Crimp contact - ST-10KP035
10/06/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com