Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE3015S Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE3015S Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE3015S
Download  NCE3015S Download
File Size   301.11 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

NCE3015S Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE3015S Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE3015S
Download  NCE3015S Click to download

File Size   301.11 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

NCE3015S Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE3015S Product details

Description
The NCE3015S uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.
General Features
● VDS =30V,ID =15A
RDS(ON) <7.0mΩ @ VGS=10V
RDS(ON) < 9.5mΩ @ VGS=5V
● High density cell design for ultra low Rdson
● Fully characterized avalanche voltage and current
● Good stability and uniformity with high EAS
● Excellent package for good heat dissipation
Application
● Power switching application
● Hard switched and high frequency circuits
● Uninterruptible power supply




Similar Part No. - NCE3015S

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE3010S NCEPOWER-NCE3010S Datasheet
351Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE3010S VBSEMI-NCE3010S Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
Wuxi NCE Power Semicond...
NCE3011E NCEPOWER-NCE3011E Datasheet
398Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3013J NCEPOWER-NCE3013J Datasheet
313Kb / 8P
NCE N-Channel Enhancement Mode Power MOSFET
V4.0
NCE3018AS NCEPOWER-NCE3018AS Datasheet
394Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results


Similar Description - NCE3015S

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE01H16 NCEPOWER-NCE01H16 Datasheet
369Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE70H13 NCEPOWER-NCE70H13 Datasheet
407Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1490 NCEPOWER-NCE1490 Datasheet
375Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1530KC NCEPOWER-NCE1530KC Datasheet
419Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com