Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE4009S Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE4009S Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE4009S
Download  NCE4009S Download
File Size   373.23 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

NCE4009S Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE4009S Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE4009S
Download  NCE4009S Click to download

File Size   373.23 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

NCE4009S Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE4009S Product details

Description
The NCE4009S uses advanced trench technology to provide
excellent RDS(ON) and low gate charge . The complementary
MOSFETs may be used to form a level shifted high side
switch, and for a host of other applications.
General Features
● N-Channel
VDS =40V,ID =9A
RDS(ON) < 16mΩ @ VGS=10V
RDS(ON) < 24mΩ @ VGS=4.5V
● High power and current handing capability
● Lead free product is acquired
● Surface mount package




Similar Part No. - NCE4009S

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE4003 NCEPOWER-NCE4003 Datasheet
686Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V1.0
NCE4003A NCEPOWER-NCE4003A Datasheet
701Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V1.1
NCE4005 NCEPOWER-NCE4005 Datasheet
661Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V1.0
logo
VBsemi Electronics Co.,...
NCE4007S VBSEMI-NCE4007S Datasheet
1,002Kb / 9P
P-Channel 40 V (D-S) MOSFET
More results


Similar Description - NCE4009S

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE01H16 NCEPOWER-NCE01H16 Datasheet
369Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE70H13 NCEPOWER-NCE70H13 Datasheet
407Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1490 NCEPOWER-NCE1490 Datasheet
375Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1530KC NCEPOWER-NCE1530KC Datasheet
419Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com