Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7066 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ADS7066 Datasheet PDF - Texas Instruments
Part # ADS7066
Download  ADS7066 Download
File Size   2150.48 Kbytes
Page   48 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADS7066 Small, 8-Channel, 16-Bit, 250-kSPS SAR ADC With GPIOs

ADS7066 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7066 Datasheet PDF - Texas Instruments

Part # ADS7066
Download  ADS7066 Click to download

File Size   2150.48 Kbytes
Page   48 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADS7066 Small, 8-Channel, 16-Bit, 250-kSPS SAR ADC With GPIOs

ADS7066 Datasheet (HTML) - Texas Instruments


ADS7066 Product details

1 Features
• Small solution size:
– DSBGA and WQFN (preview) packages
– Space-saving, capless, 2.5-V internal reference
• 8 channels configurable as any combination of:
– Up to 8 analog inputs, digital inputs, or digital
outputs
• Programmable averaging filters:
– Programmable sample size for averaging
– Averaging with internal conversions
– 20-bit resolution for average output
• Low-leakage multiplexer with channel sequencer:
– Manual mode, on-the-fly mode, and autosequence
mode
• Excellent AC and DC performance:
– SNR: 91.9 dB, THD: –100 dB
– Improved SNR with programmable averaging
filters
– INL: ±1 LSB, 16-bit no missing codes
– Internal calibration improves offset and drift
– 250 kSPS sample rate with no latency
• Wide operating range:
– ADC input range: 0 V to VREF and 2 × VREF
– Analog supply: 3 V to 5.5 V
– Digital supply: 1.65 V to 5.5 V
– Temperature range: –40°C to +125°C
• Enhanced-SPI digital interface:
– High-speed, 60-MHz SPI

2 Applications
• Optical modules
• Optical line cards
• Multiparameter patient monitors

3 Description
The ADS7066 is a small, 16-bit, 8-channel, highprecision
successive-approximation register (SAR)
analog-to-digital converter (ADC). The ADS7066 has
an integrated capless reference and a reference
buffer that helps reduce the overall solution size
by requiring fewer external components. The device
family includes the ADS7067 (800 kSPS) and the
ADS7066 (250 kSPS) speed variants.
The ADS7066 features built-in offset calibration for
improved accuracy over wide operating conditions
of the system. The programmable averaging filters
enable higher resolution measurement. The eight
channels of the ADS7066 can be individually
configured as analog inputs, digital inputs, or digital
outputs that simplify circuit design for mixed signal
feedback and digital control.
The enhanced-SPI enables the ADS7066 in achieving
high throughput at lower clock speeds, thereby
simplifying the board layout and lowering system cost.
The ADS7066 features a cyclic redundancy check
(CRC) for data read and write operations and the
power-up configuration.




Similar Part No. - ADS7066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7066 TI1-ADS7066 Datasheet
808Kb / 38P
ADS7066 Small, 8-Channel, 16-Bit SAR ADC With GPIOs
ADS7066 TI1-ADS7066 Datasheet
809Kb / 38P
ADS7066 Small, 8-Channel, 16-Bit SAR ADC With GPIOs
ADS7066 TI1-ADS7066 Datasheet
1Mb / 45P
ADS7066 Small, 8-Channel, 16-Bit SAR ADC With GPIOs
ADS7066 TI-ADS7066 Datasheet
2Mb / 51P
ADS7066 Small, 8-Channel, 16-Bit, 250-kSPS SAR ADC With GPIOs
REVISED SEPTEMBER 2023
ADS7066IRTER TI-ADS7066IRTER Datasheet
2Mb / 51P
ADS7066 Small, 8-Channel, 16-Bit, 250-kSPS SAR ADC With GPIOs
REVISED SEPTEMBER 2023
More results


Similar Description - ADS7066

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7689 AD-AD7689 Datasheet
1Mb / 20P
16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
AD7682 AD-AD7682 Datasheet
826Kb / 28P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
EVAL-AD7689EDZ AD-EVAL-AD7689EDZ Datasheet
1Mb / 32P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
AD7663 AD-AD7663 Datasheet
477Kb / 25P
16-Bit, 250 kSPS CMOS ADC
23-Feb-2017
logo
Texas Instruments
ADS7066 TI1-ADS7066 Datasheet
808Kb / 38P
ADS7066 Small, 8-Channel, 16-Bit SAR ADC With GPIOs
ADS7066 TI1-ADS7066_V01 Datasheet
809Kb / 38P
ADS7066 Small, 8-Channel, 16-Bit SAR ADC With GPIOs
ADS7066 TI1-ADS7066_V02 Datasheet
1Mb / 45P
ADS7066 Small, 8-Channel, 16-Bit SAR ADC With GPIOs
ADS7067 TI-ADS7067 Datasheet
1Mb / 47P
ADS7067 Small, 8-Channel, 16-Bit, 800-kSPS SAR ADC With GPIOs
ADS7067 TI-ADS7067_V01 Datasheet
2Mb / 47P
ADS7067 Small, 8-Channel, 16-Bit, 800-kSPS SAR ADC With GPIOs
OCTOBER 2021
ADS7066 TI-ADS7066_V04 Datasheet
2Mb / 51P
ADS7066 Small, 8-Channel, 16-Bit, 250-kSPS SAR ADC With GPIOs
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com