Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS32AM Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
AM26LS32AM Datasheet PDF - Texas Instruments
Part # AM26LS32AM
Download  AM26LS32AM Download
File Size   1674.43 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers

AM26LS32AM Datasheet (PDF)

Go To PDF Page Download Datasheet
AM26LS32AM Datasheet PDF - Texas Instruments

Part # AM26LS32AM
Download  AM26LS32AM Click to download

File Size   1674.43 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers

AM26LS32AM Datasheet (HTML) - Texas Instruments


AM26LS32AM Product details

1 Features
1• AM26LS32A Devices Meet or Exceed the
Requirements of ANSI TIA/EIA-422-B, TIA/EIA-
423-B, and ITU Recommendations V.10 and V.11
• AM26LS32A Devices Have ±7-V Common-Mode
Range With ±200-mV Sensitivity
• AM26LS33A Devices Have ±15-V Common-Mode
Range With ±500-mV Sensitivity
• Input Hysteresis 50 mV Typical
• Operate From a Single 5-V Supply
• Low-Power Schottky Circuitry
• 3-State Outputs
• Complementary Output-Enable Inputs
• Input Impedance 12 kΩ Minimum
• Open Input Fail-Safe

2 Applications
• High-Reliability Automotive Applications
• Factory Automation
• ATM and Cash Counters
• Smart Grids
• AC and Servo Motor Drives

3 Description
The AM26LS32Ax and AM26LS33Ax devices are
quadruple differential line receivers for balanced and
unbalanced digital data transmission. The enable
function is common to all four receivers and offers a
choice of active-high or active-low input. The 3-state
outputs permit connection directly to a bus-organized
system. Fail-safe design ensures that, if the inputs
are open, the outputs always are high.
Compared to the AM26LS32 and the AM26LS33, the
AM26LS32A and AM26LS33A incorporate an
additional stage of amplification to improve sensitivity.
The input impedance has been increased, resulting in
less loading of the bus line. The additional stage has
increased propagation delay; however, this does not
affect interchangeability in most applications.
The AM26LS32AC and AM26LS33AC are
characterized for operation from 0°C to 70°C. The
AM26LS32AI is characterized for operation from
–40°C to 85°C. The AM26LS32AM and
AM26LS33AM are characterized for operation over
the full military temperature range of –55°C to 125°C.




Similar Part No. - AM26LS32AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LS32AM TI-AM26LS32AM Datasheet
145Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AM TI-AM26LS32AM Datasheet
541Kb / 18P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AM TI-AM26LS32AM Datasheet
903Kb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AM TI1-AM26LS32AM Datasheet
1Mb / 27P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AM TI2-AM26LS32AM Datasheet
1Mb / 35P
AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers
REVISED AUGUST 2023
More results


Similar Description - AM26LS32AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175 Datasheet
152Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175_06 Datasheet
431Kb / 16P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI1-SN55173_15 Datasheet
791Kb / 20P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com