Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA837 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA837 Datasheet PDF - Texas Instruments
Part # OPA837
Download  OPA837 Download
File Size   2678.23 Kbytes
Page   63 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp

OPA837 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA837 Datasheet PDF - Texas Instruments

Part # OPA837
Download  OPA837 Click to download

File Size   2678.23 Kbytes
Page   63 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp

OPA837 Datasheet (HTML) - Texas Instruments


OPA837 Product details

1 Features
1• Bandwidth: 105 MHz (AV = 1 V/V)
• Very Low (Trimmed) Supply Current: 600 μA
• Gain Bandwidth Product: 50 MHz
• Slew Rate: 105 V/μs
• Negative Rail Input, Rail-to-Rail Output
• Single-Supply Operating Range: 2.7 V to 5.4 V
• 25°C Input Offset: ±130 μV (Max)
• Input Offset Voltage Drift (DCK Package):
< ±1.6 μV/°C (Maximum)
• Input Voltage Noise: 4.7 nV/√Hz (> 100 Hz)
• HD2: –120 dBc at 2 VPP, 100 kHz
• HD3: –145 dBc at 2 VPP, 100 kHz
• Settling Time: 35 ns, 0.5-V Step to 0.1%
• 5-μA Shutdown Current With Fast Recovery From
Shutdown for Power Scaling Applications

2 Applications
• 12-Bit to 16-Bit, Low-Power SAR Drivers
• Precision ADC Reference Buffers
• Very-Low-Power Active Filters
• Low-Power Transimpedance Amplifiers
• Sensor Signal Conditioning
• Wearable Devices
• Low-Side Current Sensing

3 Description
The OPA837 and OPA2837 are single- and dualchannel
unity-gain stable, voltage-feedback amplifiers
that provide among the highest MHz per mW of
bandwidth versus power among precision op amps.
Using only 600 μA per channel on a single 5-V
supply, these 3.0-mW devices deliver 105-MHz
bandwidth at a gain of 1 V/V. The very low trimmed
offset voltage of ±130 μV (maximum) comes with a
typical (±1σ) drift of ±0.4 μV/°C.
Ideally suited to single-ended, successiveapproximation
register (SAR) analog-to-digitalconverter
(ADC) driving applications, the OPAx837
provides one of the lowest input spot noise levels at
4.7 nV/√Hz for the 3-mW quiescent power. The very
high 50-MHz gain bandwidth product provides the low
output impedance to high frequencies required to
supply the fast charging currents in SAR ADC driver
applications. This low dynamic output impedance is
also suitable for reference buffer applications with
precision ADCs. The single-channel OPA837 is
available in a 6-pin SOT-23 package (that includes a
power shutdown feature) and a 5-pin SC70 package
whereas the dual-channel OPA2837 is available in an
8-pin VSSOP package and a 10-pin WQFN package.
The OPAx837 is characterized for operation over the
a wide temperature range of –40°C to +125°C.




Similar Part No. - OPA837

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA837 TI1-OPA837 Datasheet
2Mb / 51P
OPA837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI1-OPA837 Datasheet
2Mb / 57P
Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI1-OPA837 Datasheet
2Mb / 58P
Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI1-OPA837 Datasheet
567Kb / 21P
50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
OPA837 TI-OPA837 Datasheet
1Mb / 39P
OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
REVISED AUGUST 2023
More results


Similar Description - OPA837

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
Wideband, Low-Noise, Voltage Feedback Op Amp
CLC436 NSC-CLC436 Datasheet
119Kb / 6P
200MHz, 짹15V, Low-Power Voltage Feedback Op Amp
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
High-Speed, Low-Power, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
Dual Low-Noise, Voltage Feedback Op Amp
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
900MHz Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
logo
Texas Instruments
OPA837 TI1-OPA837 Datasheet
2Mb / 51P
OPA837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI1-OPA837_18 Datasheet
2Mb / 57P
Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com