Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65C1167 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN65C1167 Datasheet PDF - Texas Instruments
Part # SN65C1167
Download  SN65C1167 Download
File Size   921.02 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DUAL DIFFERENTIAL DRIVERS AND RECEIVERS

SN65C1167 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65C1167 Datasheet PDF - Texas Instruments

Part # SN65C1167
Download  SN65C1167 Click to download

File Size   921.02 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DUAL DIFFERENTIAL DRIVERS AND RECEIVERS

SN65C1167 Datasheet (HTML) - Texas Instruments


SN65C1167 Product details

1FEATURES
• Meet or Exceed Standards TIA/EIA-422-B and
ITU Recommendation V.11
• BiCMOS Process Technology
• Low Supply-Current Requirements: 9 mA Max
• Low Pulse Skew
• Receiver Input Impedance . . . 17 kΩ Typ
• Receiver Input Sensitivity . . . ±200 mV
• Receiver Common-Mode Input Voltage Range
of −7 V to 7 V
• Operate From Single 5-V Power Supply
• Glitch-Free Power-Up/Power-Down Protection
• Receiver 3-State Outputs Active-Low Enable
for SN65C1167 and SN75C1167 Only
• Improved Replacements for the MC34050 and
MC34051




Similar Part No. - SN65C1167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167 Datasheet
353Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167 Datasheet
507Kb / 18P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167 Datasheet
606Kb / 20P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI1-SN65C1167 Datasheet
1Mb / 21P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Similar Description - SN65C1167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_06 Datasheet
334Kb / 14P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com