Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM8W26A Datasheet (PDF) - Diodes Incorporated

DM8W26A Datasheet PDF - Diodes Incorporated
Part # DM8W26A
Download  DM8W26A Download
File Size   519.1 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 6600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

DM8W26A Datasheet (PDF)

Go To PDF Page Download Datasheet
DM8W26A Datasheet PDF - Diodes Incorporated

Part # DM8W26A
Download  DM8W26A Click to download

File Size   519.1 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 6600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

DM8W26A Datasheet (HTML) - Diodes Incorporated


DM8W26A Product details

Features
 6600W Peak Pulse Power Dissipation
 TJ = +175°C Capability Suitable for High Reliability
 Available in Unidirectional Polarity Only
 High Current Capability
 Excellent High-Temperature Stability
 Meets ISO7637-2 Surge Capability
 Meets ISO16750-2 Surge Specification
 Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change
control (i.e.: parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please refer to the related automotive grade (Q-suffix) part.
A listing can be found at
https://www.diodes.com/products/automotive/automotiveproducts/.
 This part is qualified to JEDEC standards (as references in
AEC-Q) for High Reliability.
https://www.diodes.com/quality/product-definitions/
 An Automotive-Compliant Part is Available Under Separate
Datasheet (DM8W10AQ-DM8W43AQ)

Applications
 ISO 16750-2, Pulse A and Pulse B
 ISO 7637-2 (Note 5)
Pulse 1, Pulse 2a, Pulse 3a, Pulse 3b




Similar Part No. - DM8W26A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DM8W26AQ DIODES-DM8W26AQ Datasheet
518Kb / 5P
6600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2020 Rev. 7 - 2
More results


Similar Description - DM8W26A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
TLD8S10AH TSC-TLD8S10AH Datasheet
353Kb / 5P
6600W, 10V ??43V Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SM8S10A LEIDITECH-SM8S10A Datasheet
1Mb / 6P
6600W Transient Voltage Suppressor
SM8S12CA LEIDITECH-SM8S12CA Datasheet
807Kb / 5P
6600W Transient 00W Voltage Suppressor
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
logo
Diodes Incorporated
DM8W10AQ DIODES-DM8W10AQ Datasheet
518Kb / 5P
6600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2020 Rev. 7 - 2
DM8W27Q DIODES-DM8W27Q Datasheet
512Kb / 6P
6600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
June 2022 Rev. 4 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com