Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEC-Q200 Datasheet (PDF) - Cornell Dubilier Electronics

AEC-Q200 Datasheet PDF - Cornell Dubilier Electronics
Part # AEC-Q200
Download  AEC-Q200 Download
File Size   692.79 Kbytes
Page   9 Pages
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics
Description 85 °C / 85% RH , 1500h @ Vr, AEC-Q200 Qualified

AEC-Q200 Datasheet (PDF)

Go To PDF Page Download Datasheet
AEC-Q200 Datasheet PDF - Cornell Dubilier Electronics

Part # AEC-Q200
Download  AEC-Q200 Click to download

File Size   692.79 Kbytes
Page   9 Pages
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics
Description 85 °C / 85% RH , 1500h @ Vr, AEC-Q200 Qualified

AEC-Q200 Datasheet (HTML) - Cornell Dubilier Electronics


AEC-Q200 Product details

Type BLH DC Link capacitors use the most
advanced construction and technology to meet the
challenges of harsh environments. Tested for 1,500-
hour at 85 °C / 85% relative humidity with rated voltage
applied (50% greater than competitive THB test life).
The series is qualified to automotive-grade electrical
and mechanical testing per standard AEC-Q200.




Similar Part No. - AEC-Q200

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AEC-Q200 TDK-AEC-Q200 Datasheet
1Mb / 12P
CGJ series l High Reliability Series
logo
TT Electronics.
AEC-Q200 TTELEC-AEC-Q200 Datasheet
623Kb / 9P
Thick Film Chip Arrays
logo
TDK Electronics
AEC-Q200 TDK-AEC-Q200 Datasheet
177Kb / 4P
Inductors for decoupling circuits Multilayer ferrite MLJ-G series (for automotive PoC)
20220601
AEC-Q200 TDK-AEC-Q200_V01 Datasheet
223Kb / 5P
CLF10060NI-D type
2020
AEC-Q200 TDK-AEC-Q200_V02 Datasheet
443Kb / 14P
Chip varistors Voltage Protection Devices
20231012
More results


Similar Description - AEC-Q200

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
AEC-Q200 qualified
12.09.15
logo
Taiyo Yuden (U.S.A.), I...
EMK325B7226KMHP TAIYO-YUDEN-EMK325B7226KMHP Datasheet
289Kb / 2P
AEC-Q200 qualified
EMK325BJ226MMHP TAIYO-YUDEN-EMK325BJ226MMHP Datasheet
289Kb / 2P
AEC-Q200 qualified
LMK212B7475KGHT TAIYO-YUDEN-LMK212B7475KGHT Datasheet
331Kb / 2P
AEC-Q200 qualified
LMK325BJ226KMHP TAIYO-YUDEN-LMK325BJ226KMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
LMK325BJ476MMHP TAIYO-YUDEN-LMK325BJ476MMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
HMJ107AB7222MAHT TAIYO-YUDEN-HMJ107AB7222MAHT Datasheet
286Kb / 2P
AEC-Q200 qualified
logo
YAGEO Corporation
AT0402BRD07 YAGEO-AT0402BRD07 Datasheet
653Kb / 9P
AEC-Q200 qualified
logo
Amphenol Corporation
NK501C21 AMPHENOL-NK501C21 Datasheet
114Kb / 4P
AEC Q200 Rev D Qualified
logo
Vishay Siliconix
IHLP-2525CZ-8A VISHAY-IHLP-2525CZ-8A Datasheet
322Kb / 6P
AEC-Q200 qualified
16-Jun-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com