Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A42 Datasheet (PDF) - Nanjing International Group Co

A42 Datasheet PDF - Nanjing International Group Co
Part # A42
Download  A42 Download
File Size   455.03 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description NPN Silicon Epitaxial Planar Transistor

A42 Datasheet (PDF)

Go To PDF Page Download Datasheet
A42 Datasheet PDF - Nanjing International Group Co

Part # A42
Download  A42 Click to download

File Size   455.03 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description NPN Silicon Epitaxial Planar Transistor

A42 Datasheet (HTML) - Nanjing International Group Co


A42 Product details

FEATURES
Collector-Emitter voltage:VCEO=300V.
Collector current up to 500mA.
Complement to A92.
Small flat package.
Power dissipation:Pd(max)=500mW.
APPLICATIONS
High voltage transistor.




Similar Part No. - A42

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
A42 JIANGSU-A42 Datasheet
260Kb / 3P
TRANSISTOR竊?NPN 竊
logo
Daya Electric Group Co....
A42 DAYA-A42 Datasheet
185Kb / 3P
TO-92 Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
A42 HTSEMI-A42 Datasheet
189Kb / 1P
TRANSISTOR (NPN)
logo
SHENZHEN YONGERJIA INDU...
A42 WINNERJOIN-A42 Datasheet
146Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Tiger Electronic Co.,Lt...
A42 TGS-A42 Datasheet
224Kb / 3P
TO-92 Plastic-Encapsulate Transistors
More results


Similar Description - A42

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com