Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZTA44L-AA3-R Datasheet (PDF) - Nanjing International Group Co

PZTA44L-AA3-R Datasheet PDF - Nanjing International Group Co
Part # PZTA44L-AA3-R
Download  PZTA44L-AA3-R Download
File Size   207.47 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description NPN SILICON TRANSISTOR

PZTA44L-AA3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
PZTA44L-AA3-R Datasheet PDF - Nanjing International Group Co

Part # PZTA44L-AA3-R
Download  PZTA44L-AA3-R Click to download

File Size   207.47 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description NPN SILICON TRANSISTOR

PZTA44L-AA3-R Datasheet (HTML) - Nanjing International Group Co


PZTA44L-AA3-R Product details

FEATURES
* Collector-emitter voltage:
VCEO=400V(PZTA44)
VCEO=350V(PZTA45)
* Collector current up to 300mA
APPLICATION
* Telephone switching
* High voltage switch




Similar Part No. - PZTA44L-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PZTA44L-AA3-R UTC-PZTA44L-AA3-R Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
PZTA44L-AA3-R UTC-PZTA44L-AA3-R Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
PZTA44L-AA3-R UTC-PZTA44L-AA3-R Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
More results


Similar Description - PZTA44L-AA3-R

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com