Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

630A Datasheet (PDF) - List of Unclassifed Manufacturers

630A Datasheet PDF - List of Unclassifed Manufacturers
Part # 630A
Download  630A Download
File Size   1951.51 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Fast switching

630A Datasheet (PDF)

Go To PDF Page Download Datasheet
630A Datasheet PDF - List of Unclassifed Manufacturers

Part # 630A
Download  630A Click to download

File Size   1951.51 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Fast switching

630A Datasheet (HTML) - List of Unclassifed Manufacturers


630A Product details

Features
· Fast switching
· 100% avalanche tested
· Improved dv/dt capability

Application
· DC Motor Control and Class D Amplifier
· Uninterruptible Power Supply (UPS)
· Automotive




Similar Part No. - 630A

ManufacturerPart #DatasheetDescription
logo
Goford Semiconductor
630A GOFORD-630A Datasheet
1Mb / 6P
Fast switching
logo
Glenair, Inc.
630A005NF GLENAIR-630A005NF Datasheet
394Kb / 2P
EMI/RFI Environmental G-Spring Bulkhead Fitting
630A006NF GLENAIR-630A006NF Datasheet
490Kb / 2P
EMI/RFI Environmental Bulkhead Feed-Through
630A007NF GLENAIR-630A007NF Datasheet
446Kb / 2P
EMI/RFI Environmental Bulkhead Feed-Through with Strain Relief
630A008NF GLENAIR-630A008NF Datasheet
386Kb / 2P
EMI/RFI Environmental Bulkhead Feed-Through with Strain Relief
More results


Similar Description - 630A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L Datasheet
519Kb / 6P
Fast Switching
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
Fast Switching
logo
Inchange Semiconductor ...
2N60 ISC-2N60 Datasheet
157Kb / 2P
Fast Switching
20N15 ISC-20N15 Datasheet
49Kb / 2P
Fast Switching
20N45 ISC-20N45 Datasheet
60Kb / 2P
Fast Switching
22N10 ISC-22N10 Datasheet
66Kb / 2P
Fast Switching
24N50 ISC-24N50 Datasheet
49Kb / 2P
Fast Switching
25N60 ISC-25N60 Datasheet
65Kb / 2P
Fast Switching
30N12 ISC-30N12 Datasheet
49Kb / 2P
Fast Switching
33N10 ISC-33N10 Datasheet
67Kb / 2P
Fast Switching
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com