Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS17A Datasheet (PDF) - List of Unclassifed Manufacturers

AS17A Datasheet PDF - List of Unclassifed Manufacturers
Part # AS17A
Download  AS17A Download
File Size   208.95 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Aerospace Pressure Transducer

AS17A Datasheet (PDF)

Go To PDF Page Download Datasheet
AS17A Datasheet PDF - List of Unclassifed Manufacturers

Part # AS17A
Download  AS17A Click to download

File Size   208.95 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Aerospace Pressure Transducer

AS17A Datasheet (HTML) - List of Unclassifed Manufacturers


AS17A Product details

DESCRIPTION
Model AS17A high accuracy strain gage absolute pressure
transducer combines light weight and small size with rugged
stainless steel construction. The Model AS19G is a true gage
unit with our special double diaphragm design which provides
hermetic protection for the internal components while allowing
the unit to reference atmospheric pressure. All units
are able to meet MIL-45208 and traceability requirements.

FEATURES
• Non-linearity 0.15 % BFSL
• Lightweight
• Amplified outputs available (consult factory)
• CE approved




Similar Part No. - AS17A

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
1.6W Audio Power Amplifiers
AS1701 AMSCO-AS1701 Datasheet
466Kb / 17P
1.6W Audio Power Amplifiers
AS1701-T AMSCO-AS1701-T Datasheet
466Kb / 17P
1.6W Audio Power Amplifiers
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
1.6W Audio Power Amplifiers
AS1702 AMSCO-AS1702 Datasheet
187Kb / 13P
1.6W Single-Channel Audio Power Amplifiers
More results


Similar Description - AS17A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8534A ETC2-8534A Datasheet
85Kb / 2P
Piezoresistive Pressure Transducer
logo
Honeywell Solid State E...
142PC05D97 HONEYWELL-142PC05D97 Datasheet
60Kb / 1P
PRESSURE TRANSDUCER
ML01KPS2PG HONEYWELL-ML01KPS2PG Datasheet
205Kb / 2P
OEM PRESSURE TRANSDUCER
logo
Copal Electronics
PA-960 COPAL-PA-960 Datasheet
188Kb / 4P
PRESSURE TRANSDUCER
logo
TE Connectivity Ltd
MSP340 TEC-MSP340 Datasheet
194Kb / 6P
Pressure Transducer
U5200 TEC-U5200 Datasheet
172Kb / 8P
Industrial Pressure Transducer
M3200 TEC-M3200 Datasheet
389Kb / 10P
Pressure Transducer
M3200 TEC-M3200_V01 Datasheet
1Mb / 18P
Pressure Transducer
M3200 TEC-M3200_V02 Datasheet
392Kb / 10P
Pressure Transducer
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
Pressure Transducer
2/7/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com