Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2030A Datasheet (PDF) - List of Unclassifed Manufacturers

D2030A Datasheet PDF - List of Unclassifed Manufacturers
Part # D2030A
Download  D2030A Download
File Size   76.02 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 14W Hi-Fi AUDIO AMPLIFIER D2030

D2030A Datasheet (PDF)

Go To PDF Page Download Datasheet
D2030A Datasheet PDF - List of Unclassifed Manufacturers

Part # D2030A
Download  D2030A Click to download

File Size   76.02 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 14W Hi-Fi AUDIO AMPLIFIER D2030

D2030A Datasheet (HTML) - List of Unclassifed Manufacturers


D2030A Product details

DESCRIPTION
The D2030 is a monolithic
integrated circuit in Pentawatt package,
intended for use as a low frequency
class AB amplifier. Typically it
provides 14W output power (d = 0.5%)
at 14V/4Ω;at ±14V or 28V, the
guaranteed output power is 12W on a
4Ω load and 8W on a 8Ω (DIN45500).
The D2030 provides high output
current and has very low harmonic and
cross-over distortion.
Further the device incorporates an original (and patented) short circuit protection
system comprising an arrangement for automatically limiting the dissipated power so
as to keep the working point of the output transistors within their safe operating area.
A conventional thermal shut-down system is also included.




Similar Part No. - D2030A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D2030 SEME-LAB-D2030 Datasheet
15Kb / 2P
METAL GATE RF SILICON FET
logo
G.M. International
D2030 GMI-D2030 Datasheet
278Kb / 2P
Intrinsically Safe Digital Multiplexer DIN-Rail Model D2030M
D2030M GMI-D2030M Datasheet
278Kb / 2P
Intrinsically Safe Digital Multiplexer DIN-Rail Model D2030M
logo
Seme LAB
D2030UK SEME-LAB-D2030UK Datasheet
15Kb / 2P
METAL GATE RF SILICON FET
More results


Similar Description - D2030A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
14W Hi-Fi AUDIO AMPLIFIER
Mar-1993
logo
List of Unclassifed Man...
TDA2030 ETC-TDA2030 Datasheet
101Kb / 14P
14W HI-FI AUDIO AMPLIFIER
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
14W Hi-Fi AUDIO AMPLIFIER
Jun-1998
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_07 Datasheet
213Kb / 13P
14W HI-FI AUDIO AMPLIFIER
logo
Advanced Monolithic Sys...
AMS2030A AMS-AMS2030A Datasheet
1Mb / 14P
14W HI-FI AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030 Datasheet
276Kb / 14P
14W HI-FI AUDIO AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com