Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECC83 Datasheet (PDF) - List of Unclassifed Manufacturers

ECC83 Datasheet PDF - List of Unclassifed Manufacturers
Part # ECC83
Download  ECC83 Download
File Size   637.18 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Double Triode

ECC83 Datasheet (PDF)

Go To PDF Page Download Datasheet
ECC83 Datasheet PDF - List of Unclassifed Manufacturers

Part # ECC83
Download  ECC83 Click to download

File Size   637.18 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Double Triode

ECC83 Datasheet (HTML) - List of Unclassifed Manufacturers


ECC83 Product details

Application note:
This tube can be used without precautions against microphony in equipment which is characterized by
Vi ≥ 10mV for an output of 50mW (or Vi ≥ 100mV for 5W output), provided that average acceleration of the
tube is not greater than indicated in the Section "Microphonic effect" from the "Application directions". In this
case the disturbance level for hum and noise will be better than -60dB when the center tap of the heater has
been grounded, Rg≤0,5MΩ and Rk is sufficiently decoupled.




Similar Part No. - ECC83

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ECC83 PHILIPS-ECC83 Datasheet
152Kb / 7P
Double triod intended for use as A.F. amplifier
1999.8.14
ECC83 PHILIPS-ECC83 Datasheet
466Kb / 11P
Double Triode
11.11.1954
logo
JJ Electronic
ECC83-12AX7 JJ-ELECTRONIC-ECC83-12AX7 Datasheet
206Kb / 1P
R. F. DOUBLE TRIODE
ECC83-7025 JJ-ELECTRONIC-ECC83-7025 Datasheet
206Kb / 1P
R. F. DOUBLE TRIODE
ECC832 JJ-ELECTRONIC-ECC832 Datasheet
411Kb / 2P
combinated double triode
More results


Similar Description - ECC83

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6H8C ETC-6H8C Datasheet
100Kb / 3P
DOUBLE TRIODE
15EA7 ETC2-15EA7 Datasheet
96Kb / 2P
DOUBLE-TRIODE
5814 ETC2-5814 Datasheet
235Kb / 3P
DOUBLE TRIODE
50Y7GT ETC2-50Y7GT Datasheet
60Kb / 1P
DOUBLE TRIODE
ECC32 ETC2-ECC32 Datasheet
61Kb / 2P
DOUBLE TRIODE
ECC40 ETC2-ECC40 Datasheet
233Kb / 3P
DOUBLE TRIODE
6H1N ETC2-6H1N Datasheet
136Kb / 4P
DOUBLE TRIODE
logo
JJ Electronic
6SL7 JJ-6SL7 Datasheet
482Kb / 2P
Double triode
logo
List of Unclassifed Man...
6N13C ETC-6N13C Datasheet
75Kb / 2P
Double triode
6N5P ETC-6N5P Datasheet
96Kb / 3P
Double triode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com