Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8714008I Datasheet (PDF) - Renesas Technology Corp

ICS8714008I Datasheet PDF - Renesas Technology Corp
Part # ICS8714008I
Download  ICS8714008I Download
File Size   770.86 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet

ICS8714008I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8714008I Datasheet PDF - Renesas Technology Corp

Part # ICS8714008I
Download  ICS8714008I Click to download

File Size   770.86 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet

ICS8714008I Datasheet (HTML) - Renesas Technology Corp


ICS8714008I Product details

Features
• Eight 0.7V differential HCSL output pairs, individually selectable
for 100MHz or 125MHz for PCIe and Ethernet applications
• One differential clock input pair CLK, nCLK can accept the
following differential input levels: LVPECL, LVDS, M-LVDS,
LVHSTL, HCSL
• One M-LVDS I/O pair (MLVDS, nMLVDS)
• Output frequency range: 98MHz - 165MHz
• Input frequency range: 19.6MHz - 165MHz
• VCO range: 490MHz - 660MHz
• PCI Express (2.5 Gb/s), Gen 2 (5 Gb/s), and Gen 3 (8 Gb/s)
jitter compliant
• External feedback for “zero delay” clock regeneration
• RMS phase jitter @ 125MHz (1.875MHz – 20MHz):
0.59ps (typical)
• Full 3.3V supply mode
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHs 6) packaging




Similar Part No. - ICS8714008I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
Output frequency range
More results


Similar Description - ICS8714008I

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
Zero-Delay Clock Buffer
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
PCI-Express Clock Generator
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
PCI-Express Clock Generator
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
PCI Express Clock Generator
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
PCI EXPRESS??CLOCK GENERATOR
ICS8743008I IDT-ICS8743008I Datasheet
1Mb / 28P
FEMTOCLOCKS??LVDS/LVPECL ZERO DELAY BUFFER/CLOCK GENERATOR FOR PCI EXPRESS??AND ETHERNET
logo
Renesas Technology Corp
841S04 RENESAS-841S04 Datasheet
556Kb / 18P
PCI Express™ Clock Generator
Revision C, July 15, 2016
ICS8714004I RENESAS-ICS8714004I Datasheet
644Kb / 32P
FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com