Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950805 Datasheet (PDF) - Renesas Technology Corp

ICS950805 Datasheet PDF - Renesas Technology Corp
Part # ICS950805
Download  ICS950805 Download
File Size   185.71 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator with 200MHz Differential CPU Clocks

ICS950805 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS950805 Datasheet PDF - Renesas Technology Corp

Part # ICS950805
Download  ICS950805 Click to download

File Size   185.71 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator with 200MHz Differential CPU Clocks

ICS950805 Datasheet (HTML) - Renesas Technology Corp


ICS950805 Product details

Features:
• Almador Chipset has a DLL driving the clock buffer
path for the 3 buffer path 66.6 MHz outputs,
66Buf(0:2). Almador board level designs MUST
use pin 22, 66Buf_1, as the feedback connection
from the clock buffer path to the Almador
(GMCH) chipset.
• Supports spread spectrum modulation,
down spread 0 to -0.5%.
• Efficient power management scheme through PD#,
CPU_STOP# and PCI_STOP#.
Key Specifications:
• CPU Output Jitter <150ps
• 3V66 Output Jitter <250ps
• 66MHz Output Jitter (Buffered Mode Only) <100ps
• CPU Output Skew <100ps




Similar Part No. - ICS950805

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950805F-T ICST-ICS950805F-T Datasheet
148Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950805G-T ICST-ICS950805G-T Datasheet
148Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
More results


Similar Description - ICS950805

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
Frequency Generator with 200MHz Differential CPU Clocks
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Integrated Device Techn...
ICS950812 IDT-ICS950812 Datasheet
233Kb / 30P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950810 RENESAS-ICS950810 Datasheet
410Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
ICS950811 RENESAS-ICS950811 Datasheet
288Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
08/09/07
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com