Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT709149S Datasheet (PDF) - Renesas Technology Corp

IDT709149S Datasheet PDF - Renesas Technology Corp
Part # IDT709149S
Download  IDT709149S Download
File Size   267.92 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM

IDT709149S Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT709149S Datasheet PDF - Renesas Technology Corp

Part # IDT709149S
Download  IDT709149S Click to download

File Size   267.92 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM

IDT709149S Datasheet (HTML) - Renesas Technology Corp


IDT709149S Product details

Features
◆ Architecture based on Dual-Port SRAM cells
– Allows full simultaneous access from both ports
◆ High-speed clock-to-data output times
– Commercial: 8/10/12ns (max.)
– Industrial: 10ns (max.)
◆ Low-power operation
– IDT709149S
Active: 1500mW (typ.)
Standby: 75mW (typ.)
◆ 4K X 9 bits
◆ 13ns cycle time, 76MHz operation in pipeline mode
– Self-timed write allows for fast cycle times




Similar Part No. - IDT709149S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
IDT709149S IDT-IDT709149S Datasheet
618Kb / 10P
HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
IDT709149S10PF IDT-IDT709149S10PF Datasheet
134Kb / 10P
HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
IDT709149S12PF IDT-IDT709149S12PF Datasheet
134Kb / 10P
HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
IDT709149S8PF IDT-IDT709149S8PF Datasheet
134Kb / 10P
HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
More results


Similar Description - IDT709149S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7099S IDT-IDT7099S Datasheet
131Kb / 9P
HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
IDT70914 IDT-IDT70914 Datasheet
109Kb / 11P
HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT709149S IDT-IDT709149S_15 Datasheet
618Kb / 10P
HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
IDT709359 IDT-IDT709359_15 Datasheet
685Kb / 15P
HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
logo
Renesas Technology Corp
70914S RENESAS-70914S Datasheet
413Kb / 13P
HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JULY 2019
IDT70V914S RENESAS-IDT70V914S Datasheet
610Kb / 10P
HIGH SPEED 3.3V (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JANUARY 2009
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com