| Manufacturer | Part # | Datasheet | Description |
 Ulti-Mate Connector Inc |
SD-436121317
|
45Kb / 1P |
Micro-D PCB Standard Profile 15 Pin Jack Post Thru-Hole .075 x .075 (style 9) Right Angle Tin 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
8-28-12 |
|
SD-436141818
|
51Kb / 1P |
Micro-D PCB Standard Profile 25 Pin Jack Post Thru-Hole .075 x .100 (style 8) Right Angle Tin 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
11-6-12 |
|
SD-436211317
|
43Kb / 1P |
Micro-D PCB Standard Profile 9 Socket Jack Post Thru-Hole .075 x .075 (style 9) Right Angle Tin 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
8-13-12 |
|
SD-436221317
|
46Kb / 1P |
Micro-D PCB Standard Profile 15 Socket Jack Post Thru-Hole .075 x .075 (style 9) Right Angle Tin 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
8-28-12 |
|
SD-436431817
|
48Kb / 1P |
Micro-D PCB Low Profile 21 Socket Jack Post Thru-Hole .075 x .100 (style 8) Right Angle Tin 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
9-3-13 |
|
SD-836121317
|
48Kb / 1P |
Micro-D PCB Standard Profile 15 Pin Jack Post Thru-Hole .075 x .075 (style 9) Right Angle Tin 0.109 Tail Length Nickel Metal Shell 125 Max Temp No QPL
11-29-07 |
|
SD-836111617
|
45Kb / 1P |
Micro-D PCB Standard Profile 9 Pin Jack Post Thru-Hole .075 x .100 (style 6) Vertical Tin 0.109 Tail Length Nickel Metal Shell 125 Max Temp No QPL
3-15-10 |
|
SD-836111817
|
44Kb / 1P |
Micro-D PCB Standard Profile 9 Pin Jack Post Thru-Hole .075 x .100 (style 8) Right Angle Tin 0.109 Tail Length Nickel Metal Shell 125 Max Temp No QPL
2-29-12 |
|
SD-836231717
|
45Kb / 1P |
Micro-D PCB Standard Profile 21 Socket Jack Post Thru-Hole .075 x .100 (style 16) Vertical Tin 0.109 Tail Length Nickel Metal Shell 125 Max Temp No QPL
5-14-12 |
|
SD-839040154
|
63Kb / 1P |
Micro-D PCB Standard Profile 51 Socket Jack Post Thru-Hole .075 x .100 (style 6) Vertical Tin 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
8-26-10 |