Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3031ARM Datasheet (PDF) - Analog Devices

ADP3031ARM Datasheet PDF - Analog Devices
Part # ADP3031ARM
Download  ADP3031ARM Download
File Size   184.47 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 MHz PWM Boost Switching Regulator

ADP3031ARM Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3031ARM Datasheet PDF - Analog Devices

Part # ADP3031ARM
Download  ADP3031ARM Click to download

File Size   184.47 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 MHz PWM Boost Switching Regulator

ADP3031ARM Datasheet (HTML) - Analog Devices


ADP3031ARM Product details

GENERAL DESCRIPTION
The ADP3031 is a high frequency, step-up DC-DC switching regulator capable of 12 V boosted output voltage in a space saving MSOP-8 package. It provides high efficiency, low-noise operation, and is easy to use. Capable of operating up to 2 MHz, the high switching frequency and PWM current mode architecture allow for excellent transient response, ease of noise filtering, and also small, cost saving external inductive and capacitive components. The current limit and the power switch are integrated completely on chip.

FEATURES
   Up to 2 MHz PWM Frequency
   Fully Integrated 1.5 A Power Switch
   3% Output Regulation Accuracy
   Adjustable Output Voltage from 3 V to 12 V
   Simple Compensation
   Small Inductor and MLC Capacitors
   90% Efficiency
   Under-voltage Lockout
   Shutdown

APPLICATIONS
   TFT LCD Bias Supplies
   Portable Electronic Instruments
   Industrial/Instrumentation Equipment




Similar Part No. - ADP3031ARM

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
ADP30-MB1 CARLOGAVAZZI-ADP30-MB1 Datasheet
661Kb / 3P
Photoelectrics Accessories Mounting Material
ADP30-MB2 CARLOGAVAZZI-ADP30-MB2 Datasheet
661Kb / 3P
Photoelectrics Accessories Mounting Material
logo
Teledyne Technologies I...
ADP300 TELEDYNE-ADP300 Datasheet
3Mb / 16P
High Definition Oscilloscopes
logo
Analog Devices
ADP3000 AD-ADP3000 Datasheet
342Kb / 12P
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV.0
ADP3000 AD-ADP3000 Datasheet
650Kb / 16P
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
REV. A
More results


Similar Description - ADP3031ARM

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16654A HITACHI-HA16654A Datasheet
85Kb / 15P
PWM Controlled Switching Regulator
logo
Advanced Analogic Techn...
AAT1109A ANALOGICTECH-AAT1109A Datasheet
300Kb / 10P
ONE-CHANNEL BOOST SWITCHING REGULATOR
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
40V PWM Boost Regulator White LED Driver
logo
Advanced Analog Technol...
AAT1109A AAT-AAT1109A Datasheet
289Kb / 10P
ONE-CHANNEL BOOST SWITCHING REGULATOR
V 0.1
logo
STMicroelectronics
ST1S09 STMICROELECTRONICS-ST1S09_08 Datasheet
417Kb / 18P
2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
31-Jan-2008
ST1S09 STMICROELECTRONICS-ST1S09_10 Datasheet
387Kb / 18P
2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
19-Apr-2010
logo
ON Semiconductor
NCV890230 ONSEMI-NCV890230 Datasheet
144Kb / 18P
2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
NCV890200 ONSEMI-NCV890200 Datasheet
143Kb / 18P
2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
logo
New Japan Radio
NJW4141 NJRC-NJW4141 Datasheet
419Kb / 13P
2 - phase Boost Converter Switching Regulator IC
logo
Feeling Technology Corp...
FP6201 FEELING-FP6201 Datasheet
342Kb / 12P
Switching Boost Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com