Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D8740220GTH Datasheet (PDF) - PREMIER DEVICES, INC.

D8740220GTH Datasheet PDF - PREMIER DEVICES, INC.
Part # D8740220GTH
Download  D8740220GTH Download
File Size   135.93 Kbytes
Page   4 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description GaAs Power Doubler, 40 - 870MHz, 22.0dB min. Gain @ 870MHz, 440mA max. @ 24VDC

D8740220GTH Datasheet (PDF)

Go To PDF Page Download Datasheet
D8740220GTH Datasheet PDF - PREMIER DEVICES, INC.

Part # D8740220GTH
Download  D8740220GTH Click to download

File Size   135.93 Kbytes
Page   4 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description GaAs Power Doubler, 40 - 870MHz, 22.0dB min. Gain @ 870MHz, 440mA max. @ 24VDC

D8740220GTH Datasheet (HTML) - PREMIER DEVICES, INC.


D8740220GTH Product details

DESCRIPTION
• Hybrid Power Doubler amplifier module with high output capability employing GaAs die

FEATURES
• Excellent linearity
• Superior return loss performance
• Extremely low distortion
• Optimal reliability
• Low noise
• Unconditionally stable under all terminations
• High output capability

APPLICATION
• 40 to 870 MHz CATV amplifier systems




Similar Part No. - D8740220GTH

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
D8740220GTH RFMD-D8740220GTH Datasheet
271Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 870MHz
More results


Similar Description - D8740220GTH

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
D8740150GT PDI-D8740150GT Datasheet
224Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 15.5dB min. Gain @ 870MHz, 375mA max. @ 24VDC
D8740150GTH PDI-D8740150GTH Datasheet
129Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 15.5dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC
D8740180GT PDI-D8740180GT Datasheet
62Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 18.5dB min. Gain @ 870MHz, 375mA max. @ 24VDC
D8740180GTH PDI-D8740180GTH Datasheet
63Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 18.5dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC
D8740200GTH PDI-D8740200GTH Datasheet
135Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 20.5dB min. Gain @ 870MHz, 440mA max. @ 24VDC
D8740240GT PDI-D8740240GT Datasheet
224Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 24.0dB min. Gain @ 870MHz, 375mA max. @ 24VDC
D8740240GTH PDI-D8740240GTH Datasheet
232Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 24.0dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC
D8740250GTH PDI-D8740250GTH Datasheet
63Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 25.0dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC
D8740270GTH PDI-D8740270GTH Datasheet
63Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 27.0dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC
D8740320GTH PDI-D8740320GTH Datasheet
158Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 32.0dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com