Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36MB80A Datasheet (PDF) - Inchange Semiconductor Company Limited

36MB80A Datasheet PDF - Inchange Semiconductor Company Limited
Part # 36MB80A
Download  36MB80A Download
File Size   289.46 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Power Modules

36MB80A Datasheet (PDF)

Go To PDF Page Download Datasheet
36MB80A Datasheet PDF - Inchange Semiconductor Company Limited

Part # 36MB80A
Download  36MB80A Click to download

File Size   289.46 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Power Modules

36MB80A Datasheet (HTML) - Inchange Semiconductor Company Limited


36MB80A Product details

FEATURES
·Plastic package has UL flammability classification 94V-0
·Integrally molded heatsink provides very low thermal resistance for maximum heat dissipation
·High forward surge capacity
·Glass passivated chip junction
·High isolation voltage from case to lugs
·High temperature soldering guaranteed:260℃/10 seconds
·A vailable in either lug package (GBPC35005)
APPLIC ATIONS
·Ratings at 25℃ ambient temperature unless otherwise specified
·Single Phase, half wave, 60Hz, resistive or inductive load
·For capacitive load derate current by 20%
·Mounting: Thru hole for #10 screw, 20 in-lbs Torque max
·Weight: 0.53 ounce, 15.0 gram




Similar Part No. - 36MB80A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
36MB80A IRF-36MB80A Datasheet
46Kb / 6P
SINGLE PHASE BRIDGE
36MB80A IRF-36MB80A Datasheet
203Kb / 5P
10 to 35 Amp Rectifier Bridges
logo
Vishay Siliconix
36MB80A VISHAY-36MB80A Datasheet
119Kb / 6P
Single Phase Bridge (Power Modules), 25/35 A
27-Jun-08
logo
New Jersey Semi-Conduct...
36MB80A NJSEMI-36MB80A Datasheet
102Kb / 1P
Power Modules Single Phase Diode Bridges
More results


Similar Description - 36MB80A

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
EFD01BF CRYDOM-EFD01BF Datasheet
1Mb / 5P
Power Modules
F18 CRYDOM-F18 Datasheet
672Kb / 4P
Power Modules
M50 CRYDOM-M50 Datasheet
732Kb / 4P
Power Modules
M50D CRYDOM-M50D Datasheet
795Kb / 4P
Power Modules
B-2T CRYDOM-B-2T Datasheet
794Kb / 4P
power modules
B48-2T CRYDOM-B48-2T Datasheet
722Kb / 4P
power modules
logo
Nell Semiconductor Co.,...
NKT350T NELLSEMI-NKT350T Datasheet
698Kb / 4P
Power Modules
logo
Inchange Semiconductor ...
36MT10 ISC-36MT10 Datasheet
281Kb / 2P
Power Modules
MCC162-18IO1B ISC-MCC162-18IO1B Datasheet
302Kb / 2P
Power Modules
36MB100A ISC-36MB100A Datasheet
289Kb / 2P
Power Modules
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com