Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D10040200GTH Datasheet (PDF) - PREMIER DEVICES, INC.

D10040200GTH Datasheet PDF - PREMIER DEVICES, INC.
Part # D10040200GTH
Download  D10040200GTH Download
File Size   156.98 Kbytes
Page   4 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description GaAs Power Doubler, 40 - 1000MHz, 20.0dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC

D10040200GTH Datasheet (PDF)

Go To PDF Page Download Datasheet
D10040200GTH Datasheet PDF - PREMIER DEVICES, INC.

Part # D10040200GTH
Download  D10040200GTH Click to download

File Size   156.98 Kbytes
Page   4 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description GaAs Power Doubler, 40 - 1000MHz, 20.0dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC

D10040200GTH Datasheet (HTML) - PREMIER DEVICES, INC.


D10040200GTH Product details

DESCRIPTION

• Hybrid Power Doubler amplifier module with high output capability employing GaAs dice



FEATURES

• Excellent linearity

• Superior return loss performance

• Extremely low distortion

• Optimal reliability

• Low noise

• Unconditionally stable under all terminations

• High output capability



APPLICATION

• 40 to 1000 MHz CATV amplifier systems




Similar Part No. - D10040200GTH

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
D10040200GTH RFMD-D10040200GTH Datasheet
265Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
D10040200GTH QORVO-D10040200GTH Datasheet
265Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1000MHz
More results


Similar Description - D10040200GTH

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
D10040180GT PDI-D10040180GT Datasheet
143Kb / 4P
GaAs Power Doubler, 40 - 1000MHz, 19.0dB min. Gain @ 1GHz, 375mA max. @ 24VDC
D10040180GTH PDI-D10040180GTH Datasheet
134Kb / 4P
GaAs Power Doubler, 40 - 1000MHz, 19.0dB min. Gain @ 1GHz, 440mA max. @ 24VDC
D10040200GT PDI-D10040200GT Datasheet
126Kb / 4P
GaAs Power Doubler, 40 - 1000MHz, 20.0dB min. Gain @ 1GHz, 375mA max. @ 24VDC
D10040220GT PDI-D10040220GT Datasheet
135Kb / 4P
GaAs Power Doubler, 40 - 1000MHz, 22.5dB min. Gain @ 1GHz, 375mA max. @ 24VDC
D10040220GTH PDI-D10040220GTH Datasheet
226Kb / 4P
GaAs Power Doubler, 40 - 1000MHz, 22.5dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
D10040240GT PDI-D10040240GT Datasheet
126Kb / 4P
GaAs Power Doubler, 40 - 1000MHz, 24.0dB min. Gain @ 1GHz, 375mA max. @ 24VDC
D10040240GTH PDI-D10040240GTH Datasheet
225Kb / 4P
GaAs Power Doubler, 40 - 1000MHz, 24.0dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
D10040250GTH PDI-D10040250GTH Datasheet
155Kb / 4P
GaAs Power Doubler, 40 - 1000MHz, 24.5dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
D10040270GT PDI-D10040270GT Datasheet
134Kb / 4P
GaAs Power Doubler, 40 - 1000MHz, 27.0dB min. Gain @ 1GHz, 375mA max. @ 24VDC
D10040270GTH PDI-D10040270GTH Datasheet
134Kb / 4P
GaAs Power Doubler, 40 - 1000MHz, 27.0dB min. Gain @ 1GHz, 440mA max. @ 24VDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com