Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL828 Datasheet (PDF) - Intersil Corporation

ICL828 Datasheet PDF - Intersil Corporation
Part # ICL828
Download  ICL828 Download
File Size   78.57 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Switched-Capacitor Voltage Inverter

ICL828 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL828 Datasheet PDF - Intersil Corporation

Part # ICL828
Download  ICL828 Click to download

File Size   78.57 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Switched-Capacitor Voltage Inverter

ICL828 Datasheet (HTML) - Intersil Corporation


ICL828 Product details

The ICL828 IC performs supply voltage conversions from positive to negative for an input range of +1.5V to +5.5V resulting in complementary output voltages of -1.5V to -5.5V. The ICL828 has a 12kHz internal oscillator and requires two capacitors to invert the supply voltage. Cascading may be made to increase the output voltage. The high efficiency (greater than 90% over most of the load-current range) and low operating current (60µA typical) make these devices ideal for both battery-powered and board-level voltage conversion applications.

Features
• 5-Lead SOT23-5 Package
• 99% Open Circuit Voltage Conversion Efficiency
• Inverts Input Supply Voltage
• High Power Supply Efficiency
• Input Voltage Range. . . . . . . . . . . . . . . . . .+1.5V to +5.5V
• May be Cascaded to Increase Output Voltage
• Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA
• Quiescent Current . . . . . . . . . . . . . . . . . . . . . . . . . . 60µA
• Pin for Pin Compatible to MAX828
• Small Package Size

Applications
• Simple Conversion . . . . . . . . . . . . . . . . . . . . . +5V to -5V
• Voltage Multiplication . . . . . . . . . . . . . . . . . .VOUT = -nVIN
• Supply Splitter
    - Operational Amplifiers
    - Bias Supplies
• Hand Held Products
    - Cell Phones
    - PDAs
    - GPS
    - Pagers
• LCD Panels




Similar Part No. - ICL828

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICL8201 INFINEON-ICL8201 Datasheet
1Mb / 40P
AC/DC Buck Cont rol ler wi th PFC for LED Lamps
Revision V2.0 2015-05-25
ICL8201 INFINEON-ICL8201_15 Datasheet
1Mb / 40P
AC/DC Buck Cont rol ler wi th PFC for LED Lamps
Revision V2.0 2015-05-25
logo
Intersil Corporation
ICL8211 INTERSIL-ICL8211 Datasheet
306Kb / 14P
Programmable Voltage Detectors
October 1999
logo
Harris Corporation
ICL8211 HARRIS-ICL8211 Datasheet
153Kb / 14P
Programmable Voltage Detectors
logo
Intersil Corporation
ICL8211 INTERSIL-ICL8211 Datasheet
4Mb / 122P
P-CHANNEL JFET
More results


Similar Description - ICL828

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
Switched Capacitor Voltage Doubling Inverter
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
Switched Capacitor Regulated Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
NCP1729 ONSEMI-NCP1729_06 Datasheet
178Kb / 22P
Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
Switched Capacitor Regulated Voltage Inverter
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
Switched Capacitor Voltage Inverter
logo
Texas Instruments
LM2776 TI1-LM2776_16 Datasheet
1Mb / 23P
Switched Capacitor Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_16 Datasheet
176Kb / 23P
Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com