Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B39P3 Datasheet (PDF) - Harvatek Corporation

B39P3 Datasheet PDF - Harvatek Corporation
Part # B39P3
Download  B39P3 Download
File Size   1220.78 Kbytes
Page   19 Pages
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation
Description Top Mount RGB Chip LED

B39P3 Datasheet (PDF)

Go To PDF Page Download Datasheet
B39P3 Datasheet PDF - Harvatek Corporation

Part # B39P3
Download  B39P3 Click to download

File Size   1220.78 Kbytes
Page   19 Pages
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation
Description Top Mount RGB Chip LED

B39P3 Datasheet (HTML) - Harvatek Corporation


B39P3 Product details

Features(產品特色)
•Package: RGB 3 in 1 package/4pin Polarity
(封裝方式:RGB三色封裝/4極性點)
•Anti-Reflection resin
啞光膠體
•View angle : >=120゚ (min 50% brightness)
發光角度:大於等於120度﹝50%光強度﹞
•Component solder able surface finish is gold
元件可銲接表面為鍍金板
•High contrast
高對比性
Main Applications(主要應用)
•Indoor display (室內顯示幕)
•Full color display(全彩顯示幕)
•Fine pitch application(細間距應用)




Similar Part No. - B39P3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B390 DIODES-B390 Datasheet
45Kb / 2P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. C-2
logo
Weitron Technology
B390 WEITRON-B390 Datasheet
219Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B390 WEITRON-B390 Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B390 DIODES-B390 Datasheet
217Kb / 3P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 8 - 2
B390-13-F DIODES-B390-13-F Datasheet
217Kb / 3P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 8 - 2
More results


Similar Description - B39P3

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B3DB3BRG-05C000113U1930 HARVATEK-B3DB3BRG-05C000113U1930 Datasheet
1Mb / 17P
Top view ICRGB Chip LED
11/09/2021 Version1.0
B3DK3BRG-05C000113U1930 HARVATEK-B3DK3BRG-05C000113U1930 Datasheet
1,017Kb / 15P
Top view ICRGB Chip LED
04/27/2022 Version 1.0
B3DQ3BRG-05C0001L3U1930 HARVATEK-B3DQ3BRG-05C0001L3U1930 Datasheet
943Kb / 15P
Top view ICRGB Chip LED
04/14/2022 Version 1.0
B36H3 HARVATEK-B36H3 Datasheet
1Mb / 16P
Top Mount RGB Chip LED
19/10/2018 Version 1.0
B36J3 HARVATEK-B36J3 Datasheet
1Mb / 16P
Top Mount RGB Chip LED
04/10/2018 Version 1.0
B39D3 HARVATEK-B39D3 Datasheet
1Mb / 19P
Top Mount RGB Chip LED
13/04/2018 Version 1.0
B3SD3 HARVATEK-B3SD3 Datasheet
1Mb / 19P
Top Mount RGB Chip LED
09/04/2018 Version 1.0
B3SK3 HARVATEK-B3SK3 Datasheet
1Mb / 19P
Top Mount RGB Chip LED
21/01/2018 Version 1.0
E3623RGB HARVATEK-E3623RGB Datasheet
660Kb / 15P
Top View RGB Chip LED
07/04/2017 Version 1.3
E3823RGB HARVATEK-E3823RGB Datasheet
714Kb / 15P
Top View RGB Chip LED
01/20/2015 Version 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com