Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70WS512N00BAWA30 Datasheet (PDF) - SPANSION

S70WS512N00BAWA30 Datasheet PDF - SPANSION
Part # S70WS512N00BAWA30
Download  S70WS512N00BAWA30 Download
File Size   1044.14 Kbytes
Page   93 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description Same-Die Stacked Multi-Chip Product (MCP) 512 Megabit (32M x 16 bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst-mode Flash Memory

S70WS512N00BAWA30 Datasheet (PDF)

Go To PDF Page Download Datasheet
S70WS512N00BAWA30 Datasheet PDF - SPANSION

Part # S70WS512N00BAWA30
Download  S70WS512N00BAWA30 Click to download

File Size   1044.14 Kbytes
Page   93 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description Same-Die Stacked Multi-Chip Product (MCP) 512 Megabit (32M x 16 bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst-mode Flash Memory

S70WS512N00BAWA30 Datasheet (HTML) - SPANSION


S70WS512N00BAWA30 Product details

General Description
The S70WS512N Series is a product line of stacked Multi-Chip Product (MCP) packages and consists of two S29WS-N flash memory die.

Distinctive Characteristics
MCP Features
■ Power supply voltage of 1.7 V to 1.95 V
■ Burst Speed: 54 MHz, 66 MHz
■ Package
   — 8 x 11.6 mm
■ Operating Temperature
   — Wireless, –25°C to +85°C




Similar Part No. - S70WS512N00BAWA30

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
S70 ASHCROFT-S70 Datasheet
1Mb / 5P
S70 Tube Skin Thermocouples
RevA_03-22-22
logo
HellermannTyton.
S70 HELLERMANNTYTON-S70 Datasheet
178Kb / 1P
Terminals
logo
Harwin Plc
S70-125161545R HARWIN-S70-125161545R Datasheet
63Kb / 1P
SMT POGO PIN CONTACT PAD
S70-138181045R HARWIN-S70-138181045R Datasheet
63Kb / 1P
SMT POGO PIN CONTACT PAD
S70-138305045R HARWIN-S70-138305045R Datasheet
63Kb / 1P
SMT POGO PIN CONTACT PAD
More results


Similar Description - S70WS512N00BAWA30

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com