Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M0020 Datasheet (PDF) - Norgren Ltd

M0020 Datasheet PDF - Norgren Ltd
Part # M0020
Download  M0020 Download
File Size   1449.66 Kbytes
Page   4 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description Pneufit® M PUSH-IN fittings, metric

M0020 Datasheet (PDF)

Go To PDF Page Download Datasheet
M0020 Datasheet PDF - Norgren Ltd

Part # M0020
Download  M0020 Click to download

File Size   1449.66 Kbytes
Page   4 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description Pneufit® M PUSH-IN fittings, metric

M0020 Datasheet (HTML) - Norgren Ltd


M0020 Product details

Technical features
Medium:
Compressed air
Operating pressure:
10 bar (145 psi) max.
Vacuum:
750 mmHg
Tube sizes:
3, 4, and 6 mm
Thread sizes:
M3, M5, M6, R1/8 and Rc1/8
Tubing types:
PA 11 or 12
PUR 85, 95 or 98 durometer
Ambient/Media temperature:
-20°C ... +60°C ( +32 ... +140°F)
Materials:
Body: PBT
Seals: NBR (VMQ free)
u-packing and O-rings
Threaded bodies: nickel plated
brass
Backing ring: POM
Grab-ring: stainless steel
Collar: nickel plated brass
Thread sealant: Chemitech
G-175L




Similar Part No. - M0020

ManufacturerPart #DatasheetDescription
logo
Permco, Inc.
M002 PERMCO-M002 Datasheet
2Mb / 2P
Refuse vehicles
Version 2.0
More results


Similar Description - M0020

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTHA-MFB0-2015 RALSTON-QTHA-MFB0-2015 Datasheet
667Kb / 1P
Connect to male Metric straight thread fittings
QTHA-MFB0-2015 RALSTON-QTHA-MFB0-2015_19 Datasheet
630Kb / 1P
Connect to male Metric straight thread fittings
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
List of Unclassifed Man...
C02250605 ETC1-C02250605 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
2015
logo
Norgren Ltd
10125 NORGREN-10125 Datasheet
8Mb / 18P
PNEUFIT 10 series Push-in fittings
03/23
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
logo
Lapp.
53102001 LAPP-53102001 Datasheet
108Kb / 1P
SKINDICHT® O-Ring NBR metric
03.07.2019
53801030 LAPP-53801030 Datasheet
104Kb / 1P
SKINDICHT® JT PTFE metric
25.06.2020
logo
Heyco.
H8501 HEYCO-H8501 Datasheet
144Kb / 1P
Heyco® Nylon Conduit Fittings - Straight-Thru
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com